Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24163 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # S24163
Description  Precision RESET Controller with 16K I2C Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S24163 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  S24163 Datasheet HTML 1Page - Summit Microelectronics, Inc. S24163 Datasheet HTML 2Page - Summit Microelectronics, Inc. S24163 Datasheet HTML 3Page - Summit Microelectronics, Inc. S24163 Datasheet HTML 4Page - Summit Microelectronics, Inc. S24163 Datasheet HTML 5Page - Summit Microelectronics, Inc. S24163 Datasheet HTML 6Page - Summit Microelectronics, Inc. S24163 Datasheet HTML 7Page - Summit Microelectronics, Inc. S24163 Datasheet HTML 8Page - Summit Microelectronics, Inc. S24163 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SUMMIT MICROELECTRONICS, Inc.
300 Orchard City Drive, Suite 131
Campbell, CA 95008
Telephone 408-378-6461
Fax 408-378-6586
www.summitmicro.com
1
Characteristics subject to change without notice
© SUMMIT MICROELECTRONICS, Inc. 2000
2014 2.1 8/2/00
SUMMIT
MICROELECTRONICS, Inc.
S24163
FEATURES
Precision Supply Voltage Monitor
— Active Low
— Integrated memory write lockout
Guaranteed RESET (RESET#) assertion
to VCC = 1V
Power-Fail Accuracy Guaranteed
No External Components
3V and 5V system versions
Low Power CMOS
— Active current less than 3mA
— Standby current less than 25µA
Memory Internally Organized 2k X 8
— Two Wire Serial Interface (I2C™)
– Bidirectional data transfer protocol
– Standard 100KHz and Fast 400KHz
Precision RESET Controller with 16K I2C Memory
High Reliability
— Endurance: 100,000 erase/write cycles
— Data retention: 100 years
8-Pin SOIC Packages
OVERVIEW
The S24163 is a power supervisory device with 16,384-
bits of serial E2PROM. It is fabricated using SUMMIT's
advanced CMOS E2PROM technology and is suitable for
both 3 and 5 volt systems.
The S24163 is internally organized as 2048 x 8. It fea-
tures the I2C serial interface and software protocol allow-
ing operation on a simple two-wire bus.
BLOCK DIAGRAM
3 and 5 Volt Systems
+
GND
VCC
RESET#
VTRIP
RESET
PULSE
GENERATOR
5kHz
OSCILLATOR
RESET
CONTROL
MODE
DECODE
ADDRESS
DECODER
WRITE
CONTROL
DATA I/O
E2PROM
MEMORY
ARRAY
1.26V
SCL
6
SDA
5
2
8
2014 T BD 2.0
4


Similar Part No. - S24163

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
S24110 SYSTEMSENSOR-S24110 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S2415 SYSTEMSENSOR-S2415 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S241575 SYSTEMSENSOR-S241575 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
More results

Similar Description - S24163

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
logo
List of Unclassifed Man...
SMS2916 ETC1-SMS2916 Datasheet
101Kb / 16P
   Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com