Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24023S2.7T Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # S24023S2.7T
Description  Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S24023S2.7T Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  S24023S2.7T Datasheet HTML 1Page - Summit Microelectronics, Inc. S24023S2.7T Datasheet HTML 2Page - Summit Microelectronics, Inc. S24023S2.7T Datasheet HTML 3Page - Summit Microelectronics, Inc. S24023S2.7T Datasheet HTML 4Page - Summit Microelectronics, Inc. S24023S2.7T Datasheet HTML 5Page - Summit Microelectronics, Inc. S24023S2.7T Datasheet HTML 6Page - Summit Microelectronics, Inc. S24023S2.7T Datasheet HTML 7Page - Summit Microelectronics, Inc. S24023S2.7T Datasheet HTML 8Page - Summit Microelectronics, Inc. S24023S2.7T Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SUMMIT MICROELECTRONICS, Inc.
300 Orchard City Drive, Suite 131
Campbell, CA 95008
Telephone 408-378-6461
Fax 408-378-6586
www.summitmicro.com
1
© SUMMIT MICROELECTRONICS, Inc. 2000
2011 2.1 8/2/00
Characteristics subject to change without notice
SUMMIT
MICROELECTRONICS, Inc.
FEATURES
Precision Supply Voltage Monitor
— Dual reset outputs for complex
microcontroller systems
— Integrated memory write lockout
Guaranteed RESET (RESET#) assertion
to VCC=1V
Power-Fail Accuracy Guaranteed
No External Components
3 and 5 Volt system versions
Low Power CMOS
— Active current less than 3mA
— Standby current less than 25µA
Memory Internally Organized 512 X 8
— Two Wire Serial Interface (I2C™)
– Bidirectional data transfer protocol
– Standard 100KHz and Fast 400KHz
Precision RESET Controller and 4K I2C Memory
With Both RESET and RESET
RESET
RESET
RESET
RESET Outputs
S24042/S24043
High Reliability
— Endurance: 100,000 erase/write cycles
— Data retention: 100 years
8-Pin SOIC Packages
OVERVIEW
The S24042 and S24043 are power supervisory devices
with 4,096 bits of serial E2PROM. They are fabricated
using SUMMIT’s advanced CMOS E2PROM technology
and are suitable for both 3 and 5 volt systems.
The memory is internally organized as 512 x 8. It features
the I2C serial interface and software protocol allowing
operation on a simple two-wire bus.
The S24042 provides a precision VCC sense circuit and
two open drain outputs: one (RESET) drives high and the
other (RESET#) drives low whenever VCC falls below
VTRIP. The S24043 is identical to the S24042 with the
exception being RESET is not bonded out on pin 7.
BLOCK DIAGRAM
3 and 5 Volt Systems
+
GND
VCC
RESET#
VTRIP
RESET
PULSE
GENERATOR
5kHz
OSCILLATOR
RESET
CONTROL
MODE
DECODE
ADDRESS
DECODER
WRITE
CONTROL
DATA I/O
E2PROM
MEMORY
ARRAY
RESET
1.26V
SCL
6
SDA
5
2
7
22
2011 T-BD 1.0
4


Similar Part No. - S24023S2.7T

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
logo
Laird Tech Smart Techno...
S24024P LSTD-S24024P Datasheet
702Kb / 1P
   Parabolic Dish Antenna
More results

Similar Description - S24023S2.7T

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24163 SUMMIT-S24163 Datasheet
166Kb / 12P
   Precision RESET Controller with 16K I2C Memory
logo
Maxim Integrated Produc...
MAX6456UT16S-T MAXIM-MAX6456UT16S-T Datasheet
255Kb / 11P
   Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6453 MAXIM-MAX6453 Datasheet
189Kb / 10P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com