Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA5657H Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA5657H
Description  System Power Supply IC for Car AV Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5657H Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA5657H Datasheet HTML 1Page - Sanyo Semicon Device LA5657H Datasheet HTML 2Page - Sanyo Semicon Device LA5657H Datasheet HTML 3Page - Sanyo Semicon Device LA5657H Datasheet HTML 4Page - Sanyo Semicon Device LA5657H Datasheet HTML 5Page - Sanyo Semicon Device LA5657H Datasheet HTML 6Page - Sanyo Semicon Device LA5657H Datasheet HTML 7Page - Sanyo Semicon Device LA5657H Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ordering number : ENN7596
52804TN (OT) No. 7596-1/8
Overview
The LA5657H provides 10 V/2.2 A and 5 V/1.4 A
external pnp transistor based low-saturation regulators
with standby functions, as well as 3.3 V, 5 V, and 8 V
constant voltage, open collector, and VCC linked (VCC -
1 V) outputs that can be controlled from serial data (CCB).
It also includes three reset detection circuits for the VDD,
ACC, and battery systems. The LA5657H is an optimal
power supply IC for car audio systems and similar
products.
Features
• Built-in 10 V and 5 V regulators (external pnp transistor
required) with standby (on/off) functions
• Extensive set of output systems: two 8 V systems, single
5 V, 3.25 V, and 5 to 9.7 V (set with an external resistor)
systems, four open-collector output systems, and two
VCC linked systems.
• Three reset circuits: ACC, VDD (with delay circuit), and
BATT
• Full complement of protection circuits
— Overcurrent protection circuits for all output systems
except the open collector and reset circuits
— Thermal protection circuits for all outputs except the
reset circuits
Package Dimensions
unit: mm
3233A-HSOP28H
(6.2)
28
15
114
0.8
15.2
2.7
0.3
0.25
(0.8)
2.0
SANYO: HSOP28H (375 mil)
[LA5657H]
LA5657H
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
System Power Supply IC for Car AV Systems
Monolithic Digital IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
24
V
Ta
≤ 25°C, independent IC
0.82
W
Allowable power dissipation
Pd max
Ta
≤ 25°C, mounted on a 76.1 × 114.3 × 1.6 mm glass
2.0
W
epoxy printed circuit board
Operating temperature
Topr
–30 to +85
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C


Similar Part No. - LA5657H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5655 SANYO-LA5655 Datasheet
67Kb / 3P
   Voltage Regulator for FLY Display Desk-Top Calculator
More results

Similar Description - LA5657H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com