Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS428160P Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS428160P
Description  1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS428160P Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS428160P Datasheet HTML 3Page - Texas Instruments TMS428160P Datasheet HTML 4Page - Texas Instruments TMS428160P Datasheet HTML 5Page - Texas Instruments TMS428160P Datasheet HTML 6Page - Texas Instruments TMS428160P Datasheet HTML 7Page - Texas Instruments TMS428160P Datasheet HTML 8Page - Texas Instruments TMS428160P Datasheet HTML 9Page - Texas Instruments TMS428160P Datasheet HTML 10Page - Texas Instruments TMS428160P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TMS416160, TMS416160P, TMS418160, TMS418160P
TMS426160, TMS426160P, TMS428160, TMS428160P
1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
SMKS160C – MAY 1995 – REVISED NOVEMBER 1995
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS4x8160P
A low-power battery-backup refresh mode that requires less than 600
µA (5 V) or 350 µA (3.3 V) refresh current
is available on the TMS4x8160P. Data integrity is maintained using xCBR refresh with a period of 125
µs while
holding RAS low for less than 300 ns. To minimize current consumption, all input levels must be at CMOS levels
(VIL < 0.2 V, VIH > VCC – 0.2 V).
self refresh ( TMS4xx160P)
The self-refresh mode is entered by dropping xCAS low prior to RAS going low. Then xCAS and RAS are both
held low for a minimum of 100
µs. The chip is then refreshed internally by an on-board oscillator. No external
address is required because the CBR counter is used to keep track of the address. To exit the self-refresh mode,
both RAS and xCAS are brought high to satisfy tCHS. Upon exiting self-refresh mode, a burst refresh (refresh
a full set of row addresses) must be executed before continuing with normal operation. The burst refresh
ensures the DRAM is fully refreshed.
power up
To achieve proper device operation, an initial pause of 200
µs followed by a minimum of eight initialization cycles
is required after power up to the full VCC level. These eight initialization cycles must include at least one refresh
(RAS-only or xCBR) cycle.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC:
TMS41x160, TMS41x160P
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . .
TMS42x160, TMS42x160P
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . .
Voltage range on any pin (see Note 1): TMS41x160, TMS41x160P
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . .
TMS42x160, TMS42x160P
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . .
Short-circuit output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
TMS41x160
TMS42x160
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
3
3.3
3.6
V
VSS
Supply voltage
0
0
V
VIH
High-level input voltage
2.4
6.5
2
VCC + 0.3
V
VIL
Low-level input voltage (see Note 2)
–1
0.8
– 0.3
0.8
V
TA
Operating free-air temperature
0
70
0
70
°C
NOTE 2: The algebraic convention, where the more negative (less positive) limit is designated as minimum, is used for logic-voltage levels only.


Similar Part No. - TMS428160P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS428169A TI-TMS428169A Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS428169A-60DGE TI-TMS428169A-60DGE Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS428169A-60DGER TI-TMS428169A-60DGER Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS428160P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS416169 TI-TMS416169 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS416169_1998 TI1-TMS416169_1998 Datasheet
391Kb / 26P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS416400 TI-TMS416400 Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS416800 TI1-TMS416800 Datasheet
358Kb / 25P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS417400DJ-70 TI1-TMS417400DJ-70 Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417809 TI-TMS417809 Datasheet
397Kb / 28P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-70L MITSUBISHI-M5M51016BTP-70L Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10L MITSUBISHI-M5M51R16AWG-10L Datasheet
84Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com