Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS418160-60DZ Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS418160-60DZ
Description  1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS418160-60DZ Datasheet(HTML) 1 Page - Texas Instruments

  TMS418160-60DZ Datasheet HTML 1Page - Texas Instruments TMS418160-60DZ Datasheet HTML 2Page - Texas Instruments TMS418160-60DZ Datasheet HTML 3Page - Texas Instruments TMS418160-60DZ Datasheet HTML 4Page - Texas Instruments TMS418160-60DZ Datasheet HTML 5Page - Texas Instruments TMS418160-60DZ Datasheet HTML 6Page - Texas Instruments TMS418160-60DZ Datasheet HTML 7Page - Texas Instruments TMS418160-60DZ Datasheet HTML 8Page - Texas Instruments TMS418160-60DZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TMS416160, TMS416160P, TMS418160, TMS418160P
TMS426160, TMS426160P, TMS428160, TMS428160P
1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
SMKS160C – MAY 1995 – REVISED NOVEMBER 1995
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization...1048576 × 16
D Single Power Supply (5 V or 3.3 V)
D Performance Ranges:
ACCESS ACCESS ACCESS
READ OR
TIME
TIME
TIME
WRITE
tRAC
tCAC
tAA
CYCLE
MAX
MAX
MAX
MIN
’4xx160/P-60
60 ns
15 ns
30 ns
110 ns
’4xx160/P-70
70 ns
18 ns
35 ns
130 ns
’4xx160/P-80
80 ns
20 ns
40 ns
150 ns
D Enhanced Page-Mode Operation With
CAS-Before-RAS ( CBR ) Refresh
D Long Refresh Period and Self-Refresh
Option ( TMS4xx160P)
D 3-State Unlatched Output
D Low Power Dissipation
D High-Reliability Plastic 42-Lead (DZ Suffix)
400-Mil-Wide Surface-Mount (SOJ) Package
and 44/50-Lead (DGE Suffix) Surface-Mount
Thin Small-Outline Package ( TSOP)
D Operating Free-Air Temperature Range
0
°C to 70°C
D Fabricated Using the Texas Instruments
Enhanced Performance Implanted CMOS
(EPIC
™) Technology
AVAILABLE OPTIONS
DEVICE
POWER
SUPPLY
SELF
REFRESH,
BATTERY
BACKUP
REFRESH
CYCLES
TMS416160
TMS416160P
TMS418160
TMS418160P
TMS426160
TMS426160P
TMS428160
TMS428160P
5 V
5 V
5 V
5 V
3.3 V
3.3 V
3.3 V
3.3 V
Yes
Yes
Yes
Yes
4096 in 64 ms
4096 in 128 ms
1024 in 16 ms
1024 in 128 ms
4096 in 64 ms
4096 in 128 ms
1024 in 16 ms
1024 in 128 ms
description
The TMS4xx160 series is a set of high-speed,
16 777 216-bit dynamic random-access memo-
ries (DRAMs) organized as 1 048 576 words of 16
bits each. The TMS4xx160P series is a similar
set
of
high-speed,
low-power,
self-refresh,
16 777 216-bit DRAMs organized as 1 048 576 words of 16 bits each. Both sets employ state-of-the-art
enhanced performance implanted CMOS (EPIC
™) technology for high performance, reliability, and low power
at low cost.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PIN NOMENCLATURE
A0 – A11
Address Inputs
DQ0 – DQ15
Data In / Data Out
LCAS
Lower Column-Address Strobe
UCAS
Upper Column-Address Strobe
NC
No Internal Connection
OE
Output Enable
RAS
Row-Address Strobe
VCC
5-V or 3.3-V Supply‡
VSS
Ground
W
Write Enable
VSS
DQ15
DQ14
DQ13
DQ12
VSS
DQ11
DQ10
DQ9
DQ8
NC
1
2
3
4
5
6
7
8
9
10
11
50
49
48
47
46
45
44
43
42
41
40
VCC
DQ0
DQ1
DQ2
DQ3
VCC
DQ4
DQ5
DQ6
DQ7
NC
NC
LCAS
UCAS
OE
A9
A8
A7
A6
A5
A4
VSS
DGE PACKAGE
( TOP VIEW )
15
16
17
18
19
20
21
22
23
24
25
36
35
34
33
32
31
30
29
28
27
26
NC
NC
W
RAS
A11
A10
A0
A1
A2
A3
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
VCC
DQ0
DQ1
DQ2
DQ3
VCC
DQ4
DQ5
DQ6
DQ7
NC
NC
W
RAS
A11
A10
A0
A1
A2
A3
VCC
VSS
DQ15
DQ14
DQ13
DQ12
VSS
DQ11
DQ10
DQ9
DQ8
NC
LCAS
UCAS
OE
A9
A8
A7
A6
A5
A4
VSS
DZ PACKAGE
( TOP VIEW )
‡ See Available Options Table.
† A10 and A11 are NC for TMS4x8160 and TMS4x8160P.
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1995, Texas Instruments Incorporated


Similar Part No. - TMS418160-60DZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS418160 TI-TMS418160 Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160A-60DZ TI-TMS418160A-60DZ Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160A-60DZR TI-TMS418160A-60DZR Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160ADZ TI-TMS418160ADZ Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results

Similar Description - TMS418160-60DZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS416169 TI-TMS416169 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS416169_1998 TI1-TMS416169_1998 Datasheet
391Kb / 26P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS416400 TI-TMS416400 Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS416800 TI1-TMS416800 Datasheet
358Kb / 25P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS417400DJ-70 TI1-TMS417400DJ-70 Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417809 TI-TMS417809 Datasheet
397Kb / 28P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-70L MITSUBISHI-M5M51016BTP-70L Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10L MITSUBISHI-M5M51R16AWG-10L Datasheet
84Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com