Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS8198 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMS8198
Description  Philips TriMedia??Processor Companion Supervisor With a 16K-bit 2-wire Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS8198 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMS8198 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS8198 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SUMMIT MICROELECTRONICS, Inc.
300 Orchard City Drive, Suite 131
Campbell, CA 95008
Telephone 408-378-6461
Fax 408-378-6586
www.summitmicro.com
1
Characteristics subject to change without notice
© SUMMIT MICROELECTRONICS, Inc. 2000
2036 5.0 4/18/00
SUMMIT
MICROELECTRONICS, Inc.
SMS8198
FEATURES
Designed to operate with the Philips
TriMedia Processor
Coordinating the System Reset Function and
Providing the Processor’s Configuration
Memory
Multiple VTRIP Thresholds
-
No External Components Required
Guaranteed Reset Assertion to VCC -1V
Reset is an I/O
-
Allows System Reset Clean up
-
Provides a De-bounced Manual Reset Func-
tion
Industry Standard 2-wire Serial Interface
Hardware Write Lockout Function
High Reliability
-
Endurance: 100,000 write cycles
-
Data Retention: 100 Years
Philips TriMedia™ Processor Companion Supervisor
With a 16K-bit 2-wire Serial Memory
OVERVIEW
The SMS8198 is a precision supervisory circuit designed
specifically as a companion chip for the Philips TriMedia
Processor family. The SMS8198 monitors the power
supply and holds the system in reset whenever VCC is
below the VTRIP threshold.
In addition to the supervisory function, the SMS8198 has
16K-bits of nonvolatile memory that is used by the
TriMedia processor as the boot memory.
The SMS8198 provides 16K-bits of memory that is acces-
sible through the industry standard 2-wire serial interface.
By integrating a precision supervisory circuit and the
hardware WP input, the SMS8198 becomes the perfect
companion chip for the Philips TriMedia processor family.
Its functions are integral to the boot hardware operation of
the TriMedia processors.
BLOCK DIAGRAM
+
GND
VCC
8
4
TRI_RESET#
2
VTRIP
RESET
CONTROL
WP
7
1.26V
SCL
6
SDA
5
2036 T BD 2.0
WRITE
CONTROL
NONVOLATILE
MEMORY
ARRAY
PROGRAMMABLE
RESET PULSE
GENERATOR


Similar Part No. - SMS8198

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS840 SECOS-SMS840 Datasheet
1Mb / 4P
   0.13A , 50V , RDS(ON) 10 P-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
SMS840 VBSEMI-SMS840 Datasheet
491Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS840 SECOS-SMS840_15 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
SMS8810 SECOS-SMS8810 Datasheet
411Kb / 3P
   N-Channel Enhancement Mode Power MOSFET
SMS8820 SECOS-SMS8820 Datasheet
152Kb / 3P
   N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SMS8198

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com