Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9501PZA Datasheet(PDF) 11 Page - Texas Instruments

Part # UCD9501PZA
Description  Digital Signal Processors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9501PZA Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCD9501PZA Datasheet HTML 7Page - Texas Instruments UCD9501PZA Datasheet HTML 8Page - Texas Instruments UCD9501PZA Datasheet HTML 9Page - Texas Instruments UCD9501PZA Datasheet HTML 10Page - Texas Instruments UCD9501PZA Datasheet HTML 11Page - Texas Instruments UCD9501PZA Datasheet HTML 12Page - Texas Instruments UCD9501PZA Datasheet HTML 13Page - Texas Instruments UCD9501PZA Datasheet HTML 14Page - Texas Instruments UCD9501PZA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 134 page
background image
www.ti.com
1
F280x, C280x, UCD9501 DSPs
1.1
Features
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801, UCD9501
TMS320C2802, TMS320C2801 Digital Signal Processors
SPRS230G – OCTOBER 2003 – REVISED FEBRUARY 2006
Up to Six 32-bit/Six 16-bit Timers
• High-Performance Static CMOS Technology
• Three 32-Bit CPU Timers
100 MHz (10-ns Cycle Time)
• Serial Port Peripherals
Low-Power (1.8-V Core, 3.3-V I/O) Design
Up to 4 Serial Peripheral Interface (SPI)
3.3-V Flash Voltage
Modules
• JTAG Boundary Scan Support
Up to 2 Serial Communications Interface
• High-Performance 32-Bit CPU (TMS320C28x)
(SCI), Standard UART Modules
16 x 16 and 32 x 32 MAC Operations
Up to 2 CAN Modules
16 x 16 Dual MAC
One Inter-Integrated-Circuit (I2C) Bus
Harvard Bus Architecture
• 12-Bit ADC, 16 Channels
Atomic Operations
2 x 8 Channel Input Multiplexer
Fast Interrupt Response and Processing
Two Sample-and-Hold
Unified Memory Programming Model
Single/Simultaneous Conversions
Code-Efficient (in C/C++ and Assembly)
Fast Conversion Rate: 160 ns/6.25 MSPS
• On-Chip Memory
(12.5 MSPS on F2809)
F2809: 128K X 16 Flash, 18K X 16 SARAM
Internal or External Reference
F2808: 64K X 16 Flash, 18K X 16 SARAM
• Up to 35 Individually Programmable,
F2806: 32K X 16 Flash, 10K X 16 SARAM
Multiplexed General-Purpose Input/Output
F2802: 32K X 16 Flash, 6K X 16 SARAM
(GPIO) Pins With Input Filtering
F2801: 16K X 16 Flash, 6K X 16 SARAM
9501: 16K X 16 Flash, 6K X 16 SARAM
• Advanced Emulation Features
C2802: 32K X 16 ROM, 6K X 16 SARAM
Analysis and Breakpoint Functions
C2801: 16K X 16 ROM, 6K X 16 SARAM
Real-Time Debug via Hardware
1K x 16 OTP ROM (F280x Only)
• Development Tools Include
• Boot ROM (4K x 16)
ANSI C/C++ Compiler/Assembler/Linker
With Software Boot Modes (via SCI, SPI,
Supports TMS320C24x™/240x Instructions
CAN, I2C, and Parallel I/O)
Code Composer Studio™ IDE
Standard Math Tables
DSP/BIOS™
• Clock and System Control
JTAG Scan Controllers(1)
Dynamic PLL Ratio Changes Supported
[Texas Instruments (TI) or Third-Party]
On-Chip Oscillator
Evaluation Modules
Clock-Fail-Detect Mode
Broad Third-Party Digital Motor Control
Watchdog Timer Module
Support
• Any GPIO A Pin Can Be Connected to One of
• Low-Power Modes and Power Savings
the Three External Core Interrupts
IDLE, STANDBY, HALT Modes Supported
Disable Individual Peripheral Clocks
• Peripheral Interrupt Expansion (PIE) Block
That Supports All 43 Peripheral Interrupts
• Package Options
• 128-Bit Security Key/Lock
Thin Quad Flatpack (PZ)
Protects Flash/OTP/L0/L1 Blocks
MicroStar BGA™ (GGM, ZGM)
Prevents Firmware Reverse Engineering
• Temperature Options:
• Enhanced Control Peripherals
A: -40°C to 85°C (PZ, GGM, ZGM)
Up to 16 PWM Outputs
S: -40°C to 125°C (PZ, GGM, ZGM)
Up to 4 HRPWM Outputs With 150 ps MEP
Q: -40°C to 125°C (PZ)
Resolution (6 HRPWM Outputs on F2809)
Up to Four Capture Inputs
Up to Two Quadrature Encoder Interfaces
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and
Boundary Scan Architecture
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2003–2006, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCD9501PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9501PZA TI-UCD9501PZA Datasheet
1Mb / 123P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - UCD9501PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com