Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME4620BEIYZ Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME4620BEIYZ
Description  1-Ohm Low Voltage SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4620BEIYZ Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME4620BEIYZ Datasheet HTML 4Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 5Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 6Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 7Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 8Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 9Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 10Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 11Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AME, Inc.
10
AME4620
1-Ohm Low Voltage
SPDT Analog Switch
n Date Code Rule
n Tape and Reel Dimension
SC70-6
PIN 1
W
P
AME
AME
Year
A
A
A
xxx0
A
A
A
xxx1
A
A
A
xxx2
A
A
A
xxx3
A
A
A
xxx4
A
A
A
xxx5
A
A
A
xxx6
A
A
A
xxx7
A
A
A
xxx8
A
A
A
xxx9
W
W
W
W
W
W
W
W
Marking
Date Code
W
W
For SC70 Package Only
A:
01&02
K:
21&22
U:
41&42
B:
03&04
L:
23&24
V:
43&44
C:
05&06
M:
25&26
W:
45&46
D:
07&08
N:
27&28
X:
47&48
E:
09&10
O:
29&30
Y:
49&50
F:
11&12
P:
31&32
Z:
51&52
G:
13&14
Q:
33&34
H:
15&16
R:
35&36
I:
17&18
S:
37&38
J:
19&20
T:
39&40
w: Work Week Code
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
SC-70-6L
8.0±0.1 mm
4.0±0.1 mm
3000pcs
180±1 mm
Carrier Tape, Number of Components Per Reel and Reel Size


Similar Part No. - AME4620BEIYZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIYZ AME-AME4620AEIYZ Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
More results

Similar Description - AME4620BEIYZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4621 AME-AME4621 Datasheet
70Kb / 12P
   1-Ohm Low Voltage Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Pericom Semiconductor C...
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com