Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLA-13-6013 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # TLA-13-6013
Description  Low Noise Amplifier 6 GHz - 13 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TLA-13-6013 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  TLA-13-6013 Datasheet HTML 1Page - Teledyne Technologies Incorporated TLA-13-6013 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
TLA-13-6013
Low Noise Amplifier
6 GHz - 13 GHz
08/05
ISO 9001:2000


Similar Part No. - TLA-13-6013

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-13-6012 TELEDYNE-TLA-13-6012 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6014 TELEDYNE-TLA-13-6014 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6015 TELEDYNE-TLA-13-6015 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
More results

Similar Description - TLA-13-6013

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-13-6012 TELEDYNE-TLA-13-6012 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6014 TELEDYNE-TLA-13-6014 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6014 TELEDYNE-CLA-13-6014 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6015 TELEDYNE-CLA-13-6015 Datasheet
896Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6013 TELEDYNE-CLA-13-6013 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6015 TELEDYNE-TLA-13-6015 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6012 TELEDYNE-CLA-13-6012 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
logo
TriQuint Semiconductor
TGA8399B-SCC TRIQUINT-TGA8399B-SCC Datasheet
211Kb / 8P
   6-13 GHz Low Noise Amplifier
TGA8399B TRIQUINT-TGA8399B Datasheet
281Kb / 4P
   6-13 GHz Low Noise Amplifier
TGA8399B-SCC TRIQUINT-TGA8399B-SCC_15 Datasheet
213Kb / 8P
   6-13 GHz Low Noise Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com