Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AME431BAJETA25 Datasheet(PDF) 8 Page - Analog Microelectronics

Part No. AME431BAJETA25
Description  Adjustable Precision Shunt Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME431BAJETA25 Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME431BAJETA25 Datasheet HTML 4Page - Analog Microelectronics AME431BAJETA25 Datasheet HTML 5Page - Analog Microelectronics AME431BAJETA25 Datasheet HTML 6Page - Analog Microelectronics AME431BAJETA25 Datasheet HTML 7Page - Analog Microelectronics AME431BAJETA25 Datasheet HTML 8Page - Analog Microelectronics AME431BAJETA25 Datasheet HTML 9Page - Analog Microelectronics AME431BAJETA25 Datasheet HTML 10Page - Analog Microelectronics AME431BAJETA25 Datasheet HTML 11Page - Analog Microelectronics AME431BAJETA25 Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AME, Inc.
8
Adjustable Precision Shunt Regulator
AME431B
n Ordering Information (contd.)
Part Number
Marking*
Reference Voltage Accuracy Package
Temp. Range
AME431BAJATB25
AME25
431B
AJATB
yyww
2.5V
1.0%
TO92-3
- 40
oC to +125oC
AME431BAJATB25Z
AME25
431B
AJATB
yyww
2.5V
1.0%
TO92-3
- 40
oC to +125oC
AME431BAJATA25
AME25
431B
AJATA
yyww
2.5V
0.5%
TO92-3
- 40
oC to +125oC
AME431BAJATA25Z
AME25
431B
AJATA
yyww
2.5V
0.5%
TO92-3
- 40
oC to +125oC
AME431BAJEVA12
BAWww
1.24V
0.5%
SOT-25
- 40
oC to +125oC
AME431BAJEVA12L
BAWww
1.24V
0.5%
TSOT-25
- 40
oC to +125oC
AME431BAJEVA12Z
BAWww
1.24V
0.5%
SOT-25
- 40
oC to +125oC
AME431BAJEVA12Y
BAWww
1.24V
0.5%
TSOT-25
- 40
oC to +125oC
AME431BAJEVB12
BAVww
1.24V
1.0%
SOT-25
- 40
oC to +125oC
AME431BAJEVB12L
BAVww
1.24V
1.0%
TSOT-25
- 40
oC to +125oC
AME431BAJEVB12Z
BAVww
1.24V
1.0%
SOT-25
- 40
oC to +125oC
AME431BAJEVB12Y
BAVww
1.24V
1.0%
TSOT-25
- 40
oC to +125oC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NTE999 Integrated Circuit Adjustable Precision Shunt Regulator 1  2  NTE Electronics
NCP100 Sub 1.0 V Precision Adjustable Shunt Regulator 1  2  3  4  5  More ON Semiconductor
TLVH431A LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR 1  2  3  4  5  More Texas Instruments
NJM2820 ADJUSTABLE HIGH PRECISION SHUNT REGULATOR 1  2  3  4  5  More New Japan Radio
SPX3431 Micropower 2.5V Precision Adjustable Shunt Regulator 1  2  3  4  5  Sipex Corporation
SPX2431 Precision Adjustable Shunt Regulator 1  2  3  4  5  More Sipex Corporation
TA431 ADJUSTABLE PRECISION ZENER SHUNT REGULATOR 1  2  3  4  5  List of Unclassifed Manufacturers
SPX1431 Precision Adjustable Shunt Regulator 1  2  3  4  5  More Sipex Corporation
SPX431 Precision Adjustable Shunt Regulator 1  2  3  4  5  More Sipex Corporation
SPX2431L Precision Adjustable Shunt Regulator 1  2  3  4  5  More Sipex Corporation

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn