Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME78L12AJATZ Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME78L12AJATZ
Description  100mA Positive Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME78L12AJATZ Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME78L12AJATZ Datasheet HTML 6Page - Analog Microelectronics AME78L12AJATZ Datasheet HTML 7Page - Analog Microelectronics AME78L12AJATZ Datasheet HTML 8Page - Analog Microelectronics AME78L12AJATZ Datasheet HTML 9Page - Analog Microelectronics AME78L12AJATZ Datasheet HTML 10Page - Analog Microelectronics AME78L12AJATZ Datasheet HTML 11Page - Analog Microelectronics AME78L12AJATZ Datasheet HTML 12Page - Analog Microelectronics AME78L12AJATZ Datasheet HTML 13Page - Analog Microelectronics AME78L12AJATZ Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AME, Inc.
10
100mA Positive Linear Regulator
AME78LXX
Parameter
Symbol
Min
Typ
Max
Units
11.5
12
12.5
* 11.4
* 12.6
Line Regulation
RegLINE
18
75
mV
Load Regulation
RegLOAD
20
90
mV
Quiescent Current
IQ
3
5
mA
* 1.5
* 0.1
Output Voltage Noise
eN
80
µV
Ripple Rejection
∆V
IN / ∆ VO
40
54
dB
Peak Output Current
IPK
150
mA
Average Temperature Coefficient
of Output Voltage
∆V
O / ∆ T
-1.00
mV /
oC
Minimum Value of Input Voltage
Required to Maintain Line Regul-
ation
VIN (MIN)
13.7
V
V
IO=5.0mA
f=120Hz, 15V
≤ V
IN ≤ 18V
10Hz
≤ f ≤ 100kHz (Note2)
mA
15V
≤ V
IN ≤ 18V
1.0mA
≤ I
O ≤ 40mA (Note1)
15V
≤ V
IN ≤ 18V
Quiescent Current Change
Test Condition
Vo
1.0mA
≤ I
O ≤ 40mA
15V
≤ V
IN ≤ 18V
IQ
Output voltage
1.0mA
≤ I
O ≤ 100mA
n Electrical Specifications-12V
Limits in standard typeface are for T
J=25
oC, Io=40mA, CI=0.33uF, C
O=0.1uF, VI=18V, unless otherwise specified.
Note1: Power Dissipation
≤ 0.6W
Note2: Recommended minimum load capacitance of 0.01uF to limit high frequency noise.


Similar Part No. - AME78L12AJATZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AME7805 ETC1-AME7805 Datasheet
150Kb / 14P
   1A Positive Linear Regulator
AME78051JBSZ ETC1-AME78051JBSZ Datasheet
150Kb / 14P
   1A Positive Linear Regulator
AME78051JBTZ ETC1-AME78051JBTZ Datasheet
150Kb / 14P
   1A Positive Linear Regulator
AME78051JCSZ ETC1-AME78051JCSZ Datasheet
150Kb / 14P
   1A Positive Linear Regulator
AME78051JCTZ ETC1-AME78051JCTZ Datasheet
150Kb / 14P
   1A Positive Linear Regulator
More results

Similar Description - AME78L12AJATZ

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com