Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME431BBJETB25 Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME431BBJETB25
Description  Adjustable Precision Shunt Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME431BBJETB25 Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME431BBJETB25 Datasheet HTML 4Page - Analog Microelectronics AME431BBJETB25 Datasheet HTML 5Page - Analog Microelectronics AME431BBJETB25 Datasheet HTML 6Page - Analog Microelectronics AME431BBJETB25 Datasheet HTML 7Page - Analog Microelectronics AME431BBJETB25 Datasheet HTML 8Page - Analog Microelectronics AME431BBJETB25 Datasheet HTML 9Page - Analog Microelectronics AME431BBJETB25 Datasheet HTML 10Page - Analog Microelectronics AME431BBJETB25 Datasheet HTML 11Page - Analog Microelectronics AME431BBJETB25 Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AME, Inc.
8
Adjustable Precision Shunt Regulator
AME431B
n Ordering Information (contd.)
Part Number
Marking*
Reference Voltage Accuracy Package
Temp. Range
AME431BAJATB25
AME25
431B
AJATB
yyww
2.5V
1.0%
TO92-3
- 40
oC to +125oC
AME431BAJATB25Z
AME25
431B
AJATB
yyww
2.5V
1.0%
TO92-3
- 40
oC to +125oC
AME431BAJATA25
AME25
431B
AJATA
yyww
2.5V
0.5%
TO92-3
- 40
oC to +125oC
AME431BAJATA25Z
AME25
431B
AJATA
yyww
2.5V
0.5%
TO92-3
- 40
oC to +125oC
AME431BAJEVA12
BAWww
1.24V
0.5%
SOT-25
- 40
oC to +125oC
AME431BAJEVA12L
BAWww
1.24V
0.5%
TSOT-25
- 40
oC to +125oC
AME431BAJEVA12Z
BAWww
1.24V
0.5%
SOT-25
- 40
oC to +125oC
AME431BAJEVA12Y
BAWww
1.24V
0.5%
TSOT-25
- 40
oC to +125oC
AME431BAJEVB12
BAVww
1.24V
1.0%
SOT-25
- 40
oC to +125oC
AME431BAJEVB12L
BAVww
1.24V
1.0%
TSOT-25
- 40
oC to +125oC
AME431BAJEVB12Z
BAVww
1.24V
1.0%
SOT-25
- 40
oC to +125oC
AME431BAJEVB12Y
BAVww
1.24V
1.0%
TSOT-25
- 40
oC to +125oC


Similar Part No. - AME431BBJETB25

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME431BBJETB25Y AME-AME431BBJETB25Y Datasheet
205Kb / 22P
   Adjustable Precision Shunt Regulator
AME431BBJETB25Z AME-AME431BBJETB25Z Datasheet
205Kb / 22P
   Adjustable Precision Shunt Regulator
More results

Similar Description - AME431BBJETB25

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com