Electronic Components Datasheet Search |
|
AME8843AEGT250Z Datasheet(PDF) 5 Page - Asahi Kasei Microsystems |
|
AME8843AEGT250Z Datasheet(HTML) 5 Page - Asahi Kasei Microsystems |
5 / 9 page AME, Inc. 5 AME8843 750mA CMOS LDO The AME8843 family of CMOS regulators contain a PMOS pass transistor, voltage reference, error amplifier, over-current protection, and thermal shutdown. The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal pro- tection circuits. During normal operation, the error ampli- fier compares the output voltage to a precision reference. Over-current and Thermal shutdown circuits become ac- tive when the junction temperature exceeds 150 oC, or the current exceeds 750mA. During thermal shutdown, the output voltage remains low. Normal operation is re- stored when the junction temperature drops below 120 oC. The AME8843 switches from voltage mode to current mode when the load exceeds the rated output current. This prevents over-stress. The AME8808 also incorpo- rates current foldback to reduce power dissipation when the output is short circuited. This feature becomes ac- tive when the output drops below 0.8 volts, and reduces the current flow by 65%. Full current is restored when the voltage exceeds 0.8 volts. n Detailed Description n External Capacitors The AME8843 is stable with an output capacitor to ground of 2.2 µF or greater. Ceramic capacitors have the lowest ESR, and will offer the best AC performance. Con- versely, Aluminum Electrolytic capacitors exhibit the high- est ESR, resulting in the poorest AC response. Unfortu- nately, large value ceramic capacitors are comparatively expensive. One option is to parallel a 0.1 µF ceramic capacitor with a 10 µF Aluminum Electrolytic. The benefit is low ESR, high capacitance, and low overall cost. A second capacitor is recommended between the in- put and ground to stabilize Vin. The input capacitor should be at least 0.1 µF to have a beneficial effect. All capacitors should be placed in close proximity to the pins. A "Quiet" ground termination is desirable. This can be achieved with a "Star" connection. |
Similar Part No. - AME8843AEGT250Z |
|
Similar Description - AME8843AEGT250Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |