Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8S512K32 Datasheet(PDF) 11 Page - Austin Semiconductor

Part # AS8S512K32
Description  SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32 Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS8S512K32 Datasheet HTML 4Page - Austin Semiconductor AS8S512K32 Datasheet HTML 5Page - Austin Semiconductor AS8S512K32 Datasheet HTML 6Page - Austin Semiconductor AS8S512K32 Datasheet HTML 7Page - Austin Semiconductor AS8S512K32 Datasheet HTML 8Page - Austin Semiconductor AS8S512K32 Datasheet HTML 9Page - Austin Semiconductor AS8S512K32 Datasheet HTML 10Page - Austin Semiconductor AS8S512K32 Datasheet HTML 11Page - Austin Semiconductor AS8S512K32 Datasheet HTML 12Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SRAM
AS8S512K32
& AS8S512K32A
Austin Semiconductor, Inc.
AS8S512K32 & AS8S512K32A
Rev. 3.1 12/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Device Number
Options**
Package
Type
Speed
ns
Options**
Process
AS8S512K32
A
Q
-17
L
/*
AS8S512K32
A
Q
-20
L
/*
AS8S512K32
A
Q
-25
L
/*
AS8S512K32
A
Q
-35
L
/*
AS8S512K32
A
Q
-45
L
/*
AS8S512K32
A
Q
-55
L/*
Device Number
Options**
Package
Type
Speed
ns
Options**
Process
AS8S512K32
A
P
-17
L
/*
AS8S512K32
A
P
-20
L
/*
AS8S512K32
A
P
-25
L
/*
AS8S512K32
A
P
-35
L
/*
AS8S512K32
A
P
-45
L
/*
AS8S512K32
A
P
-55
L/*
EXAMPLE: AS8S512K32Q-25L/XT
EXAMPLE: AS8S512K32AP-25/XT
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
833C = Full Military Processing
-55oC to +125oC
**DEFINITION OF OPTIONS
A = Commercial Pinout
no indicator = Military Pinout
L = Low Power Data Retention Mode


Similar Part No. - AS8S512K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
logo
Micross Components
AS8S512K32 MICROSS-AS8S512K32 Datasheet
1Mb / 17P
   Low power CMOS
logo
Austin Semiconductor
AS8S512K32A AUSTIN-AS8S512K32A Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32A AUSTIN-AS8S512K32A Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS8S512K32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Sharp Corporation
LH525C9N SHARP-LH525C9N Datasheet
449Kb / 17P
   256K SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com