Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8S512K32A Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS8S512K32A
Description  SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32A Datasheet(HTML) 2 Page - Austin Semiconductor

  AS8S512K32A Datasheet HTML 1Page - Austin Semiconductor AS8S512K32A Datasheet HTML 2Page - Austin Semiconductor AS8S512K32A Datasheet HTML 3Page - Austin Semiconductor AS8S512K32A Datasheet HTML 4Page - Austin Semiconductor AS8S512K32A Datasheet HTML 5Page - Austin Semiconductor AS8S512K32A Datasheet HTML 6Page - Austin Semiconductor AS8S512K32A Datasheet HTML 7Page - Austin Semiconductor AS8S512K32A Datasheet HTML 8Page - Austin Semiconductor AS8S512K32A Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SRAM
AS8S512K32
& AS8S512K32A
Austin Semiconductor, Inc.
AS8S512K32 & AS8S512K32A
Rev. 3.1 12/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
CS\4
CS\3
CS\2
CS\1
WE\
OE\
A0 - A18
I/O 24 - I/O 31
I/O 16 - I/O 23
I/O 8 - I/O 15
I/O 0 - I/O 7
M3
M2
M1
M0
COMMERCIAL PINOUT/BLOCK DIAGRAM
CS
MILITARY PINOUT/BLOCK DIAGRAM
CS
CS
CS
TRUTH TABLE
MODE
OE\
CE\
WE\
I/O
POWER
Read
LL
H
DOUT
ACTIVE
Write(2)
XL
L
DIN
ACTIVE
Standby
XH
X
High Z
STANDBY
CS
CS4\
CS3\
CS2\
CS1\


Similar Part No. - AS8S512K32A

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S512K32A AUSTIN-AS8S512K32A Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32A AUSTIN-AS8S512K32A Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32AP-12/IT AUSTIN-AS8S512K32AP-12/IT Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32AP-12/Q AUSTIN-AS8S512K32AP-12/Q Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32AP-12/SPACE AUSTIN-AS8S512K32AP-12/SPACE Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS8S512K32A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Sharp Corporation
LH525C9N SHARP-LH525C9N Datasheet
449Kb / 17P
   256K SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com