Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMA-40-2610 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # TMA-40-2610
Description  Power Amplifier 18 GHz - 40 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TMA-40-2610 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  TMA-40-2610 Datasheet HTML 1Page - Teledyne Technologies Incorporated TMA-40-2610 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
TMA-40-2610
Power Amplifier
18 GHz - 40 GHz
08/05
ISO 9001:2000
18 GHz - 40 GHz
TMA-40-2610
43 dB
Gain Vs Temp at any Frequency: This Amplifier is not Temperature Compensated
9 dB
13(1) dBm
+/-2.25 dB
19 dBm
560 mA
Contact Factory
SK10
+25
This Power Amplifier offers exceptional performance over the
band 18 GHz to 40 GHz with 13(1) dBm P1dB output power
and 43 dB Gain.


Similar Part No. - TMA-40-2610

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
More results

Similar Description - TMA-40-2610

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-1812 TELEDYNE-CMA-40-1812 Datasheet
892Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-1806 TELEDYNE-CMA-40-1806 Datasheet
892Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-1810 TELEDYNE-CMA-40-1810 Datasheet
890Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMT-40-1805 TELEDYNE-CMT-40-1805 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 18 GHz - 40 GHz
TMT-40-1807 TELEDYNE-TMT-40-1807 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 18 GHz - 40 GHz
CMT-40-1807 TELEDYNE-CMT-40-1807 Datasheet
889Kb / 2P
   Temperature Compensated Amplifier 18 GHz - 40 GHz
CMT-40-1809 TELEDYNE-CMT-40-1809 Datasheet
890Kb / 2P
   Temperature Compensated Amplifier 18 GHz - 40 GHz
CMA-40-2606 TELEDYNE-CMA-40-2606 Datasheet
892Kb / 2P
   Power Amplifier 26 GHz - 40 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com