Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLD6001DO Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLD6001DO
Description  SURFACE MOUNT PICOmini??DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLD6001DO Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLD6001DO Datasheet HTML 1Page - Central Semiconductor Corp CMLD6001DO Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLD6001DO
type contains Two (2) Isolated Opposing Configuration,
Silicon Switching Diodes, manufactured by the epitaxial
planar process, epoxy molded in a PICOminisurface
mount package. These devices are designed for
switching applications requiring extremely low leakage.
MARKING CODE: C60
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
75
V
Peak Repetitive Reverse Voltage
VRRM
100
V
Continuous Forward Current
IF
250
mA
Forward Surge Current, tp=1 µsec.
IFSM
4000
mA
Forward Surge Current, tp=1 sec.
IFSM
1000
mA
Power Dissipation
PD
250
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=75V
500
pA
BVR
IR=100µA
100
V
VF
IF=1.0mA
0.85
V
VF
IF=10mA
0.95
V
VF
IF=100mA
1.1
V
CT
VR=0, f=1 MHz
2.0
pF
trr
IR=IF=10mA, RL=100Ω Rec. to 1.0mA
3.0
µs
CMLD6001DO
SURFACE MOUNT
PICOmini
DUAL, ISOLATED, OPPOSING
LOW LEAKAGE SILICON
SWITCHING DIODES
Central
Semiconductor Corp.
TM
R0 (3-November 2003)
SOT-563 CASE


Similar Part No. - CMLD6001DO

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD6001DO CENTRAL-CMLD6001DO_10 Datasheet
579Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD6001DO CENTRAL-CMLD6001DO_15 Datasheet
507Kb / 3P
   ULTRA LOW LEAKAGE SWITCHING DIODE
More results

Similar Description - CMLD6001DO

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD3003DO CENTRAL-CMLD3003DO Datasheet
94Kb / 2P
   SURFACE MOUNT PICOmini DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD3003DO CENTRAL-CMLD3003DO_10 Datasheet
580Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD6001 CENTRAL-CMLD6001 Datasheet
88Kb / 2P
   SURFACE MOUNT PICOmini??DUAL, ISOLATED LOW LEAKAGE SILICON SWITCHING DIODES
CMKD3003DO CENTRAL-CMKD3003DO Datasheet
494Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD6001DO CENTRAL-CMLD6001DO_10 Datasheet
579Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLSH-4DO CENTRAL-CMLSH-4DO Datasheet
91Kb / 2P
   SURFACE MOUNT PICOmini DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
CMXD3003TO CENTRAL-CMXD3003TO Datasheet
495Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLSH05-4DO CENTRAL-CMLSH05-4DO Datasheet
87Kb / 2P
   SURFACE MOUNT PICOmini-TM DUAL ISOLATED, LOW V-f OPPOSING SILICON SCHOTTKY DIODES
CMLD6001 CENTRAL-CMLD6001_10 Datasheet
582Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED LOW LEAKAGE SILICON SWITCHING DIODES
CMLD6263DO CENTRAL-CMLD6263DO Datasheet
99Kb / 2P
   SURFACE MOUNT PICOmini DUAL OPPOSING HIGH VOLTAGE SILICON SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com