Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2G126A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV2G126A
Description  Dual Bus Buffer with 3-state Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2G126A Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV2G126A Datasheet HTML 1Page - Renesas Technology Corp HD74LV2G126A Datasheet HTML 2Page - Renesas Technology Corp HD74LV2G126A Datasheet HTML 3Page - Renesas Technology Corp HD74LV2G126A Datasheet HTML 4Page - Renesas Technology Corp HD74LV2G126A Datasheet HTML 5Page - Renesas Technology Corp HD74LV2G126A Datasheet HTML 6Page - Renesas Technology Corp HD74LV2G126A Datasheet HTML 7Page - Renesas Technology Corp HD74LV2G126A Datasheet HTML 8Page - Renesas Technology Corp HD74LV2G126A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74LV2G126A
Rev.5.00, Sep.30.2003, page 5 of 9
Electrical Characteristic
• Ta = –40 to 85°C
Item
Symbol VCC (V) *
Min
Typ
Max
Unit
Test condition
1.65 to 1.95 VCC
×0.75 —
2.3 to 2.7
VCC
×0.7 —
3.0 to 3.6
VCC
×0.7 —
VIH
4.5 to 5.5
VCC
×0.7 —
1.65 to 1.95 —
VCC
×0.25
2.3 to 2.7
VCC
×0.3
3.0 to 3.6
VCC
×0.3
Input voltage
VIL
4.5 to 5.5
VCC
×0.3
V
1.8
0.25
2.5
0.30
3.3
0.35
Hysteresis voltage
VH
5.0
0.45
VVT
+ – V
T
Min to Max
VCC–0.1
IOH = –50
µA
1.65
1.4
IOH = –1 mA
2.3
2.0
IOH = –2 mA
3.0
2.48
IOH = –6 mA
VOH
4.5
3.8
IOH = –12 mA
Min to Max
0.1
IOL = 50
µA
1.65
0.3
IOL = 1 mA
2.3
0.4
IOL = 2 mA
3.0
0.44
IOL = 6 mA
Output voltage
VOL
4.5
0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µAVIN = 5.5 V or GND
Off state output current IOZ
Min to Max
±5
µAVO = 5.5 V or GND
Quiescent
supply current
ICC
5.5
10
µAVIN = VCC or GND,
IO = 0
Output leakage current IOFF
0—
5
µA
VIN or VO = 0 to 5.5 V
Input capacitance
CIN
3.3
3.0
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.


Similar Part No. - HD74LV2G126A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G126A RENESAS-HD74LV2G126A_15 Datasheet
116Kb / 12P
   Dual Bus Buffer with 3?뱒tate Output
More results

Similar Description - HD74LV2G126A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G125 RENESAS-HD74ALVC2G125_15 Datasheet
130Kb / 15P
   Dual Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7WG126FK TOSHIBA-TC7WG126FK_09 Datasheet
210Kb / 9P
   Dual Bus Buffer with 3-STATE Output
TC7WZ125FU TOSHIBA-TC7WZ125FU Datasheet
202Kb / 7P
   Dual Bus Buffer With 3-STATE Output
logo
Renesas Technology Corp
HD74ALVC2G126 RENESAS-HD74ALVC2G126_15 Datasheet
125Kb / 15P
   Dual Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7WG125FK TOSHIBA-TC7WG125FK_09 Datasheet
234Kb / 9P
   Dual Bus Buffer with 3-STATE Output
logo
Renesas Technology Corp
HD74LVC2G126 RENESAS-HD74LVC2G126 Datasheet
2Mb / 8P
   Dual Bus Buffer with 3-state Output
HD74LV2G125A RENESAS-HD74LV2G125A Datasheet
94Kb / 10P
   Dual Bus Buffer with 3-state Output
HD74ALVC2G126 RENESAS-HD74ALVC2G126 Datasheet
100Kb / 13P
   Dual Bus Buffer with 3-state Output
RD74LVC2G125 RENESAS-RD74LVC2G125 Datasheet
1Mb / 8P
   Dual Bus Buffer with 3-state Output
HD74ALVC2G125 RENESAS-HD74ALVC2G125 Datasheet
105Kb / 13P
   Dual Bus Buffer with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com