Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74ALVC162244PA Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74ALVC162244PA
Description  3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVC162244PA Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74ALVC162244PA Datasheet HTML 1Page - Integrated Device Technology IDT74ALVC162244PA Datasheet HTML 2Page - Integrated Device Technology IDT74ALVC162244PA Datasheet HTML 3Page - Integrated Device Technology IDT74ALVC162244PA Datasheet HTML 4Page - Integrated Device Technology IDT74ALVC162244PA Datasheet HTML 5Page - Integrated Device Technology IDT74ALVC162244PA Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVC162244
3.3VCMOS16-BITBUFFER/DRIVERWITH3-STATEOUTPUTS
5
Open
VLOAD
GND
VCC
Pulse
Generator
D.U.T.
50 0
50 0
CL
RT
V IN
VOUT
(1, 2)
ALVC L in k
INPUT
VIH
0V
VOH
VOL
tPLH1
tSK (x)
OUTP UT 1
OUTPUT 2
tPHL1
tSK (x)
tPLH2
tPHL2
VT
VT
VOH
VT
VOL
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
ALVC L in k
SAM E PHASE
INPUT TRA NSITION
OPPOSITE PHASE
INPUT TRA NSITION
0V
0V
V OH
V OL
tPLH
tPHL
tPHL
tPLH
OUTPUT
V IH
V T
VT
VIH
VT
AL VC Link
DATA
INPUT
0V
0V
0V
0V
tREM
TIM ING
INP UT
SYNCHRONOUS
CONTROL
tSU
tH
tSU
tH
VIH
VT
VIH
VT
VIH
VT
VIH
VT
ALVC L ink
A SYNCHRONOUS
CONTROL
LOW -HIGH-LOW
PUL SE
HIGH-LOW -H IGH
PULSE
VT
tW
VT
ALV C Lin k
CONTROL
IN PUT
tPLZ
0V
OUTPUT
NORM ALLY
LOW
tPZH
0V
SW ITC H
C LO SED
OUTPUT
NORM A LLY
HIGH
ENA BLE
DIS ABLE
SW ITC H
O PEN
tPHZ
0V
VOL + VLZ
VOH
VT
VT
tPZL
VLOAD/2
VLOAD/2
VIH
VT
VOL
VOH - V HZ
ALVC L ink
TEST CIRCUITS AND WAVEFORMS
Propagation Delay
Test Circuit for All Outputs
Enable and Disable Times
Set-up, Hold, and Release Times
NOTES:
1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs.
2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
NOTES:
1. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2ns; tR ≤ 2ns.
Output Skew - tSK(X)
Pulse Width
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Symbol
VCC(1)=3.3V±0.3V VCC(1)=2.7V
VCC(2)=2.5V±0.2V
Unit
VLOAD
6
6
2 x Vcc
V
VIH
2.7
2.7
Vcc
V
VT
1.5
1.5
Vcc / 2
V
VLZ
300
300
150
mV
VHZ
300
300
150
mV
CL
50
50
30
pF
TEST CONDITIONS
SWITCH POSITION
Test
Switch
Open Drain
Disable Low
VLOAD
Enable Low
Disable High
GND
Enable High
All Other Tests
Open


Similar Part No. - IDT74ALVC162244PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC162244 IDT-IDT74ALVC162244 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC162244 RENESAS-IDT74ALVC162244 Datasheet
263Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162244 IDT-IDT74ALVC162244_09 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER 3-STATE OUTPUTS
More results

Similar Description - IDT74ALVC162244PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC16244A IDT-IDT74ALVC16244A Datasheet
69Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16244A RENESAS-IDT74ALVC16244A Datasheet
282Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
JUNE 2016
IDT74ALVC162244 RENESAS-IDT74ALVC162244 Datasheet
263Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162244 IDT-IDT74ALVC162244_09 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74LVTCH16244 PERICOM-PI74LVTCH16244 Datasheet
315Kb / 7P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244 PERICOM-PI74LVTC16244 Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
logo
Renesas Technology Corp
IDT74ALVCH16244 RENESAS-IDT74ALVCH16244 Datasheet
270Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
logo
Integrated Device Techn...
IDT74ALVCH162244 IDT-IDT74ALVCH162244 Datasheet
73Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH162244 RENESAS-IDT74ALVCH162244 Datasheet
282Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
logo
Integrated Device Techn...
IDT74ALVCH16244 IDT-IDT74ALVCH16244 Datasheet
69Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com