Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY266G Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # TNY266G
Description  Enhanced, Energy Efficient, Low Power Off-line Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY266G Datasheet(HTML) 3 Page - Power Integrations, Inc.

  TNY266G Datasheet HTML 1Page - Power Integrations, Inc. TNY266G Datasheet HTML 2Page - Power Integrations, Inc. TNY266G Datasheet HTML 3Page - Power Integrations, Inc. TNY266G Datasheet HTML 4Page - Power Integrations, Inc. TNY266G Datasheet HTML 5Page - Power Integrations, Inc. TNY266G Datasheet HTML 6Page - Power Integrations, Inc. TNY266G Datasheet HTML 7Page - Power Integrations, Inc. TNY266G Datasheet HTML 8Page - Power Integrations, Inc. TNY266G Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
TNY263-268
G
4/05
Figure 4. Frequency Jitter.
TinySwitch-II
Functional Description
TinySwitch-II
combines a high voltage power MOSFET switch
withapowersupplycontrollerinonedevice.Unlikeconventional
PWM (pulse width modulator) controllers, TinySwitch-II uses
a simple ON/OFF control to regulate the output voltage.
The TinySwitch-II controller consists of an oscillator,
enable circuit (sense and logic), current limit state machine,
5.8 V regulator, BYPASS pin under-voltage circuit, over-
temperature protection, current limit circuit, leading edge
blanking and a 700 V power MOSFET. TinySwitch-II
incorporates additional circuitry for line under-voltage sense,
auto-restart and frequency jitter. Figure 2 shows the functional
block diagram with the most important features.
Oscillator
The typical oscillator frequency is internally set to an average
of 132 kHz. Two signals are generated from the oscillator: the
maximum duty cycle signal (DC
MAX) and the clock signal that
indicates the beginning of each cycle.
The TinySwitch-II oscillator incorporates circuitry that
introduces a small amount of frequency jitter, typically 8 kHz
peak-to-peak, to minimize EMI emission. The modulation rate
of the frequency jitter is set to 1 kHz to optimize EMI reduction
for both average and quasi-peak emissions.The frequency jitter
shouldbemeasuredwiththeoscilloscopetriggeredatthefalling
edge of the DRAIN waveform. The waveform in Figure 4
illustrates the frequency jitter of the TinySwitch-II.
Enable Input and Current Limit State Machine
The enable input circuit at the EN/UV pin consists of a low
impedance source follower output set at 1.0 V. The current
through the source follower is limited to 240 µA. When the
current out of this pin exceeds 240 µA, a low logic level
(disable) is generated at the output of the enable circuit. This
enable circuit output is sampled at the beginning of each
cycle on the rising edge of the clock signal. If high, the power
MOSFETis turned on for that cycle (enabled). If low, the power
MOSFET remains off (disabled). Since the sampling is done
only at the beginning of each cycle, subsequent changes in the
EN/UV pin voltage or current during the remainder of the
cycle are ignored.
The current limit state machine reduces the current limit by
discrete amounts at light loads when TinySwitch-II is likely to
switch in the audible frequency range. The lower current limit
raises the effective switching frequency above the audio range
andreducesthetransformerfluxdensity,includingtheassociated
audible noise. The state machine monitors the sequence of
EN/UV pin voltage levels to determine the load condition and
adjusts the current limit level accordingly in discrete amounts.
Undermostoperatingconditions(exceptwhenclosetono-load),
the low impedance of the source follower keeps the voltage on
the EN/UV pin from going much below 1.0 V in the disabled
state. This improves the response time of the optocoupler that
is usually connected to this pin.
5.8 V Regulator and 6.3 V Shunt Voltage Clamp
The 5.8 V regulator charges the bypass capacitor connected to
the BYPASS pin to 5.8 V by drawing a current from the voltage
on the DRAIN pin whenever the MOSFETis off. The BYPASS
pin is the internal supply voltage node for the TinySwitch-II.
When the MOSFET is on, the TinySwitch-II operates from the
energy stored in the bypass capacitor. Extremely low power
consumption of the internal circuitry allows TinySwitch-II to
operate continuously from current it takes from the DRAIN
pin. A bypass capacitor value of 0.1 µF is sufficient for both
high frequency decoupling and energy storage.
In addition, there is a 6.3 V shunt regulator clamping the
BYPASS pin at 6.3 V when current is provided to the BYPASS
pin through an external resistor. This facilitates powering of
TinySwitch-II
externally through a bias winding to decrease the
no-load consumption to about 50 mW.
BYPASS Pin Under-Voltage
The BYPASS pin under-voltage circuitry disables the power
MOSFET when the BYPASS pin voltage drops below 4.8 V.
Once the BYPASS pin voltage drops below 4.8 V, it must rise
back to 5.8 V to enable (turn-on) the power MOSFET.
Over Temperature Protection
Thethermalshutdowncircuitrysensesthedietemperature. The
threshold is typically set at 135 °C with 70 °C hysteresis. When
thedietemperaturerisesabovethisthresholdthepowerMOSFET
is disabled and remains disabled until the die temperature falls
by 70 °C, at which point it is re-enabled. A large hysteresis of
600
0
5
10
136 kHz
128 kHz
VDRAIN
Time (
µs)
500
400
300
200
100
0


Similar Part No. - TNY266G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY266G POWERINT-TNY266G Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY266G POWERINT-TNY266G Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY266G POWERINT-TNY266G Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266G POWERINT-TNY266G Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY266G-TL POWERINT-TNY266G-TL Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY266G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com