Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0030 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH0030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0030 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH0030 Datasheet HTML 2Page - National Semiconductor (TI) LMH0030 Datasheet HTML 3Page - National Semiconductor (TI) LMH0030 Datasheet HTML 4Page - National Semiconductor (TI) LMH0030 Datasheet HTML 5Page - National Semiconductor (TI) LMH0030 Datasheet HTML 6Page - National Semiconductor (TI) LMH0030 Datasheet HTML 7Page - National Semiconductor (TI) LMH0030 Datasheet HTML 8Page - National Semiconductor (TI) LMH0030 Datasheet HTML 9Page - National Semiconductor (TI) LMH0030 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
DC Electrical Characteristics (Continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 2, 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
I
DD (3.3V)
Power Supply Current,
3.3V Supply, Total
V
CLK = 74.25 MHz, NTSC
color Bar Pattern, Test
Circuit, Test Loads Shall
Apply
V
DDIO,VDDSD
66
90
mA
I
DD (2.5V)
Power Supply Current,
2.5V Supply, Total
V
CLK = 27 MHz, NTSC
color Bar Pattern, Test
Circuit, Test Loads Shall
Apply
V
DDD,VDDZ,
V
DDPLL
66
85
mA
I
DD (2.5V)
Power Supply Current,
2.5V Supply, Total
V
CLK = 74.25 MHz, NTSC
color Bar Pattern, Test
Circuit, Test Loads Shall
Apply
V
DDD,VDDZ,
V
DDPLL
85
110
mA
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Note 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
f
VCLK
Parallel Video Clock
Frequency
V
CLK
27
74.25
MHz
DC
V
Video Clock Duty
Cycle
V
CLK
45
50
55
%
f
ACLK
Ancillary Clock
Frequency
A
CLK
V
CLK
MHz
DC
A
Ancillary Clock Duty
Cycle
A
CLK
45
50
55
%
t
r,tf
Input Clock and Data
Rise Time, Fall Time
10%–90%
V
CLK,ACLK,DVN,
AD
N
1.0
1.5
3.0
ns
BR
SDO
Serial Data Rate
(Notes 5, 6)
SDO, SDO
270
1,485
M
bps
t
r,tf
Rise Time, Fall Time
20%–80%, (Note 6)
SDO, SDO
270
ps
t
r,tf
Rise Time, Fall Time
20%–80%, (Note 5)
SDO, SDO
500
ps
Output Overshoot
(Note 4)
SDO, SDO
5%
t
j
Serial Output Jitter,
Intrinsic
270 M
bps, (Notes 5, 9, 10)
SDO, SDO
270
350
ps
P-P
t
j
Serial Output Jitter,
Intrinsic
1,485 M
bps, (Notes 6, 9, 10)
SDO, SDO
85
125
ps
P-P
t
LOCK
Lock Time
(Notes 5, 7) (SD Rates)
15
ms
t
LOCK
Lock Time
(Notes 6, 7) (HD Rates)
15
ms
t
S
Setup Time, Video
Data
Timing Diagram, (Note 4)
DV
N to VCLK
1.5
2.0
ns
t
H
Hold Time, Video Data
Timing Diagram, (Note 4)
V
CLK to DVN
1.5
2.0
ns
t
S
Setup Time, Anc. Data
Port
Timing Diagram, (Note 4)
AD
N to ACLK
1.5
2.0
ns
t
H
Hold Time, Anc. Data
Port
Timing Diagram, (Note 4)
A
CLK to ADN
1.5
2.0
ns
Note 1: “Absolute Maximum Ratings” are those parameter values beyond which the life and operation of the device cannot be guaranteed. The stating herein of
these maximums shall not be construed to imply that the device can or should be operated at or beyond these values. The table of “Electrical Characteristics”
specifies acceptable device operating conditions.
Note 2: Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are referenced to VSS =0V.
Note 3: Typical values are stated for VDDIO =VDDSD = +3.3V, VDDD =VDDPLL = +2.5V and TA = +25˚C.
Note 4: Spec. is guaranteed by design.
Note 5: RL =75Ω, AC-coupled @ 270 Mbps,RREFLVL = RREFPRE = 4.75 kΩ 1%, See Test Loads and Test Circuit.
Note 6: RL =75Ω, AC-coupled @ 1,485 Mbps,RREFLVL = RREFPRE = 4.75 kΩ 1%, See Test Loads and Test Circuit.
Note 7: Measured from rising-edge of first DVCLK cycle until Lock Detect output goes high (true). Lock time includes format detection time plus PLL lock time.
www.national.com
6


Similar Part No. - LMH0030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0030 NSC-LMH0030 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030 Datasheet
370Kb / 38P
[Old version datasheet]   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
National Semiconductor ...
LMH0030VS NSC-LMH0030VS Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030VS TI1-LMH0030VS Datasheet
370Kb / 38P
[Old version datasheet]   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
LMH0030VS/NOPB TI1-LMH0030VS/NOPB Datasheet
370Kb / 38P
[Old version datasheet]   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
More results

Similar Description - LMH0030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC030 NSC-CLC030_06 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030_14 Datasheet
370Kb / 38P
[Old version datasheet]   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
National Semiconductor ...
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com