Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0046MT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH0046MT
Description  HD/SD Multi-Rate Serial Digital Video Data Reclocker
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0046MT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH0046MT Datasheet HTML 1Page - National Semiconductor (TI) LMH0046MT Datasheet HTML 2Page - National Semiconductor (TI) LMH0046MT Datasheet HTML 3Page - National Semiconductor (TI) LMH0046MT Datasheet HTML 4Page - National Semiconductor (TI) LMH0046MT Datasheet HTML 5Page - National Semiconductor (TI) LMH0046MT Datasheet HTML 6Page - National Semiconductor (TI) LMH0046MT Datasheet HTML 7Page - National Semiconductor (TI) LMH0046MT Datasheet HTML 8Page - National Semiconductor (TI) LMH0046MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LMH0046
HD/SD Multi-Rate Serial Digital Video Data Reclocker
General Description
The LMH0046 HD/SD Multi-Rate Serial Digital Video Data
Reclocker is a monolithic integrated circuit that retimes bit-
serial digital video data conforming to the SMPTE 259M (A &
C) and SMPTE 292M standards. The LMH0046 operates at
serial data rates of 143 Mbps, 270 Mbps, 1.483 Gbps and
1.485 Gbps. The LMH0046 supports DVB-ASI operation at
270 Mbps.
The LMH0046 automatically detects the incoming data rate
and adjusts itself to retime the incoming data to suppress
accumulated jitter. The LMH0046 recovers the serial data-
rate clock and optionally provides it as an output. The
LMH0046 has two differential serial data outputs; the second
output may be selected as a low-jitter, data-rate clock output.
Controls and indicators are: serial clock or second serial
data output select, manual rate select input, SD/HD rate
indicator output, lock detect output, auto/manual data by-
pass and output mute. The serial data inputs, outputs, and
serial data-rate clock outputs are differential LVPECL com-
patible. The CML serial data and serial data-rate clock out-
puts are suitable for driving 100
Ω differentially terminated
networks. The control logic inputs and outputs are LVCMOS
compatible.
The LMH0046 is powered from a single 3.3V supply. Power
dissipation is typically 330 mW. The device is housed in a
20-pin TSSOP package.
Features
n
Supports SMPTE 259M (A & C) and SMPTE 292M
serial digital video standards
n
Supports 143 Mbps, 270 Mbps, 1.483 Gbps, and 1.485
Gbps serial data rate operation
n
Supports DVB-ASI at 270 Mbps
n
Single 3.3V supply operation
n
330 mW typical power consumption
n
Two differential, reclocked outputs
n
Choice of second reclocked output or low-jitter,
differential, data-rate clock output
n
Single 27 MHz external crystal or reference clock input
n
Manual rate select input
n
SD/HD operating rate indicator output
n
Lock Detect indicator output
n
Output mute function for data and clock
n
Auto/Manual reclocker bypass
n
Differential LVPECL compatible serial data inputs and
outputs
n
LVCMOS control inputs and indicator outputs
n
20-Pin TSSOP package
n
Industrial temperature range: -40˚C to +85˚C
Applications
n
SDTV/HDTV serial digital video interfaces for:
— Digital video routers and switchers
— Digital video processing and editing equipment
— DVB-ASI equipment
— Video standards and format converters
Typical Application
20182601
PRELIMINARY
April 2006
© 2006 National Semiconductor Corporation
DS201826
www.national.com


Similar Part No. - LMH0046MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MH/NOPB TI1-LMH0046MH/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MHX TI-LMH0046MHX Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MHX/NOPB TI1-LMH0046MHX/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
More results

Similar Description - LMH0046MT

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
   3G/HD/SD Serial Digital Video Reclocker
M21235 MA-COM-M21235 Datasheet
489Kb / 2P
   HD/SD Broadcast Video Multi-rate Automatic Reclocker
M08035 MA-COM-M08035 Datasheet
1Mb / 49P
   SD, HD, 3G Multi-rate Reclocker
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
   3G/HD/SD-SDI Multi-rate Video Quad Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
M21315 MA-COM-M21315 Datasheet
163Kb / 2P
   HD/SD Auto-Rate Reclocker
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
logo
M/A-COM Technology Solu...
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com