Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-SL11-HLR00 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMP-SL11-HLR00
Description  4 mm Oval Precision Optical Performance LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-SL11-HLR00 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMP-SL11-HLR00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-SL11-HLR00 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Figure 6. Amber, Red maximum forward
current vs. ambient temperature.
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
R
θj-a = 585° C/W
60
R
θj-a = 780° C/W
120
Figure 7. Blue, Green maximum forward
current vs. ambient temperature.
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
30
20
15
10
5
20
60
100
R
θj-a = 585° C/W
35
25
Figure 1. Relative intensity vs. wavelength.
Figure 2. Amber, Red forward current vs.
forward voltage.
Figure 4. Amber, Red relative luminous
intensity vs. forward current.
Figure 3. Blue, Green forward current vs.
forward voltage.
Figure 5. Blue, Green relative luminous
intensity vs. forward current.
WAVELENGTH – nm
1.0
0.5
0
600
700
400
650
AMBER
RED
550
500
450
BLUE
GREEN
0
40
20
VF – FORWARD VOLTAGE – V
1.0
3.0
AMBER
1.5
2.0
2.5
10
30
50
RED
0
30
15
VF – FORWARD VOLTAGE
2.0
4.0
2.4
3.2
3.6
5
20
35
2.8
10
25
0
0
IF – FORWARD CURRENT – mA
20
40
2.0
1.0
50
0.5
1.5
2.5
30
10
0
IF – FORWARD CURRENT – mA
030
520
25
1.5
10
0.5
1.0
15


Similar Part No. - HLMP-SL11-HLR00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11-HL0XX AVAGO-HLMP-SL11-HL0XX Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
More results

Similar Description - HLMP-SL11-HLR00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com