Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE48NM60 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STE48NM60
Description  N-CHANNEL 600V - 0.09W - 48A ISOTOP MDmesh-TM Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE48NM60 Datasheet(HTML) 6 Page - STMicroelectronics

  STE48NM60 Datasheet HTML 1Page - STMicroelectronics STE48NM60 Datasheet HTML 2Page - STMicroelectronics STE48NM60 Datasheet HTML 3Page - STMicroelectronics STE48NM60 Datasheet HTML 4Page - STMicroelectronics STE48NM60 Datasheet HTML 5Page - STMicroelectronics STE48NM60 Datasheet HTML 6Page - STMicroelectronics STE48NM60 Datasheet HTML 7Page - STMicroelectronics STE48NM60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STE48NM60
6/8
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
Fig. 4: Gate Charge test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuit For
Resistive Load


Similar Part No. - STE48NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE48NM50 STMICROELECTRONICS-STE48NM50 Datasheet
273Kb / 8P
   N-CHANNEL 500V - 0.08ohm - 48A ISOTOP MDmesh?줡ower MOSFET
More results

Similar Description - STE48NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE48NM50 STMICROELECTRONICS-STE48NM50 Datasheet
273Kb / 8P
   N-CHANNEL 500V - 0.08ohm - 48A ISOTOP MDmesh?줡ower MOSFET
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
   N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
STW26NM60 STMICROELECTRONICS-STW26NM60 Datasheet
233Kb / 9P
   N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
45Kb / 6P
   N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
STE70NM50 STMICROELECTRONICS-STE70NM50 Datasheet
288Kb / 8P
   N-CHANNEL 500V - 0.045ohm - 70A ISOTOP Zener-Protected MDmesh?줡ower MOSFET
STE40NC60 STMICROELECTRONICS-STE40NC60 Datasheet
270Kb / 8P
   N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh?줚I MOSFET
STGE50NB60HD STMICROELECTRONICS-STGE50NB60HD Datasheet
47Kb / 6P
   N-CHANNEL 50A - 600V ISOTOP PowerMESH IGBT
STGE200NB60S STMICROELECTRONICS-STGE200NB60S Datasheet
274Kb / 13P
   N-CHANNEL 150A - 600V - ISOTOP PowerMESH??IGBT
STW26NM50 STMICROELECTRONICS-STW26NM50 Datasheet
234Kb / 9P
   N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
STW45NM50 STMICROELECTRONICS-STW45NM50 Datasheet
244Kb / 9P
   N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com