Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1723A-50PUTB Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1723A-50PUTB
Description  500mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1723A-50PUTB Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1723A-50PUTB Datasheet HTML 1Page - Analog Intergrations Corporation AIC1723A-50PUTB Datasheet HTML 2Page - Analog Intergrations Corporation AIC1723A-50PUTB Datasheet HTML 3Page - Analog Intergrations Corporation AIC1723A-50PUTB Datasheet HTML 4Page - Analog Intergrations Corporation AIC1723A-50PUTB Datasheet HTML 5Page - Analog Intergrations Corporation AIC1723A-50PUTB Datasheet HTML 6Page - Analog Intergrations Corporation AIC1723A-50PUTB Datasheet HTML 7Page - Analog Intergrations Corporation AIC1723A-50PUTB Datasheet HTML 8Page - Analog Intergrations Corporation AIC1723A-50PUTB Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AIC1723A
ORDERING INFORMATION
Example: AIC1723A-18CETR
1.8V Version, in TO-252 Package & Tape & Reel
Packing Type
AIC1723A-18PYTR
1.8V Version, in SOT-223 Lead Free Package & Tape
& Reel Packing Type
PACKING TYPE
TR: TAPE & REEL
TB: TUBE
PACKAGE TYPE
E: TO-252
U: SOT-23
X: SOT-89
Y: SOT-223
C: Commercial
P: Lead Free Commercial
OUTPUT VOLTAGE
18: 1.8V
20: 2.0V
25: 2.5V
27: 2.7V
30: 3.0V
33: 3.3V
35: 3.5V
37: 3.7V
38: 3.8V
50: 5.0V
52: 5.2V
AIC1723A-XXXX XX
PIN CONFIGURATION
TO-252 (CE & PE)
TOP VIEW
1: VOUT
2. GND
3. VIN
2
3
1
SOT-89 (CX & PX)
TOP VIEW
1: GND
2. VIN
3. VOUT
1
2
3
SOT-23 (CU & PU)
TOP VIEW
1: GND
2: VOUT
3: VIN
3
1
2
SOT-223 (CY & PY)
TOP VIEW
1: VOUT
2. GND
3. VIN
1
2
3
SOT-23 MARKING
Part No.
CU
PU
Part No.
CU
PU
AIC1723A-18XU
BT18
BT18P
AIC1723A-35XU
BT35
BT35P
AIC1723A-20XU
BT20
BT20P
AIC1723A-37XU
BT37
BT37P
AIC1723A-25XU
BT25
BT25P
AIC1723A-38XU
BT38
BT38P
AIC1723A-27XU
BT27
BT27P
AIC1723A-50XU
BT50
BT50P
AIC1723A-30XU
BT30
BT30P
AIC1723A-52XU
BT52
BT52P
AIC1723A-33XU
BT33
BT33P
2


Similar Part No. - AIC1723A-50PUTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CE AIC-AIC1723-33CE Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CET AIC-AIC1723-33CET Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CF AIC-AIC1723-33CF Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
AIC1723-33CY AIC-AIC1723-33CY Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1723A-50PUTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com