Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY280P Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TNY280P
Description  Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY280P Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TNY280P Datasheet HTML 4Page - Power Integrations, Inc. TNY280P Datasheet HTML 5Page - Power Integrations, Inc. TNY280P Datasheet HTML 6Page - Power Integrations, Inc. TNY280P Datasheet HTML 7Page - Power Integrations, Inc. TNY280P Datasheet HTML 8Page - Power Integrations, Inc. TNY280P Datasheet HTML 9Page - Power Integrations, Inc. TNY280P Datasheet HTML 10Page - Power Integrations, Inc. TNY280P Datasheet HTML 11Page - Power Integrations, Inc. TNY280P Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8 E2/06
TNY274-280
Applications Example
The circuit shown in Figure 14 is a low cost, high efficiency,
flyback power supply designed for 12 V, 1 A output from
universal input using the TNY278.
The supply features under-voltage lockout, primary sensed
output overvoltage latching shutdown protection, high
efficiency (>80%), and very low no-load consumption
(<50mWat265VAC). Outputregulationisaccomplishedusing
a simple zener reference and optocoupler feedback.
The rectified and filtered input voltage is applied to the primary
winding of T1. The other side of the transformer primary is
driven by the integrated MOSFET in U1. Diode D5, C2, R1,
R2, and VR1 comprise the clamp circuit, limiting the leakage
inductance turn-off voltage spike on the DRAIN pin to a safe
value. The use of a combination a Zener clamp and parallel
RC optimizes both EMI and energy efficiency. Resistor R2
allows the use of a slow recovery, low cost, rectifier diode by
limiting the reverse current through D5. The selection of a
slow diode also improves efficiency and conducted EMI but
should be a glass passivated type, with a specified recovery
time of ≤2 µs.
The output voltage is regulated by the Zener diode VR3. When
theoutputvoltageexceedsthesumoftheZenerandoptocoupler
LED forward drop, current will flow in the optocoupler LED.
This will cause the transistor of the optocoupler to sink current.
When this current exceeds the ENABLE pin threshold current
the next switching cycle is inhibited. When the output voltage
fallsbelowthefeedbackthreshold,aconductioncycleisallowed
to occur and, by adjusting the number of enabled cycles, output
regulation is maintained. As the load reduces, the number of
enabled cycles decreases, lowering the effective switching
frequencyandscalingswitchinglosseswithload. Thisprovides
almost constant efficiency down to very light loads, ideal for
meeting energy efficiency requirements.
As the TinySwitch-III devices are completely self-powered,
there is no requirement for an auxiliary or bias winding on the
transformer. However by adding a bias winding, the output
overvoltage protection feature can be configured, protecting
the load against open feedback loop faults.
When an overvoltage condition occurs, such that bias voltage
exceeds the sum ofVR2 and the BYPASS/MULTIFUNCTION
(BP/M) pinvoltage(28V+5.85V),currentbeginstoflowintothe
BP/Mpin. Whenthiscurrentexceeds5mAtheinternallatching
shutdown circuit in TinySwitch-III is activated. This condition
is reset when the BP/M pin voltage drops below 2.6 V after
removal of the AC input. In the example shown, on opening
the loop, the OVP trips at an output of 17 V.
D
S
S
BP/M
EN/UV
L1
1 mH
D1
1N4007
RV1
275 VAC
F1
3.15 A
D2
1N4007
C1
6.8
µF
400 V
C6
1
µF
60 V
C2
22
µF
400 V
C10
1000
µF
25 V
C5
2.2 nF
250 VAC
C11
100
µF
25 V
+12 V, 1 A
85-265
VAC
RTN
J4
J3
J1
J2
C7
100 nF
50 V
U1
TNY278P
C4
10 nF
1 kV
VR1
P6KE150A
NC
8
6
4
T1
2
5
1
3
D5
1N4007GP
D6
UF4003
D7
BYV28-200
U2
PC817A
VR2
1N5255B
28 V
VR3
BZX79-C11
11 V
C7 is configurable to adjust
U1 current limit, see circuit
description
*R5 and R8 are optional
components
R5*
3.6 M
R3
47
1/8 W
R4
2 k
1/8 W
R6
390
1/8 W
R7
20
R8*
21 k
1%
R1
1 k
R2
100
D3
1N4007
D4
1N4007
L2
Ferrite Bead
3.5 × 7.6 mm
PI-4244-021406
TinySwitch-III
Figure 14. TNY278P, 12 V, 1 A Universal Input Power Supply.


Similar Part No. - TNY280P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY280P POWERINT-TNY280P Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY280P POWERINT-TNY280P Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY280PG POWERINT-TNY280PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY280PG-TL POWERINT-TNY280PG-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY280PN-TL POWERINT-TNY280PN-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY280P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com