Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY280GTL Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TNY280GTL
Description  Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY280GTL Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TNY280GTL Datasheet HTML 3Page - Power Integrations, Inc. TNY280GTL Datasheet HTML 4Page - Power Integrations, Inc. TNY280GTL Datasheet HTML 5Page - Power Integrations, Inc. TNY280GTL Datasheet HTML 6Page - Power Integrations, Inc. TNY280GTL Datasheet HTML 7Page - Power Integrations, Inc. TNY280GTL Datasheet HTML 8Page - Power Integrations, Inc. TNY280GTL Datasheet HTML 9Page - Power Integrations, Inc. TNY280GTL Datasheet HTML 10Page - Power Integrations, Inc. TNY280GTL Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
TNY274-280
E
2/06
Power Up/Down
The TinySwitch-III requires only a 0.1 µF capacitor on the
BYPASS/MULTI-FUNCTION pin to operate with standard
current limit. Because of its small size, the time to charge this
capacitor is kept to an absolute minimum, typically 0.6 ms. The
time to charge will vary in proportion to the BYPASS/MULTI-
FUNCTIONpincapacitorvaluewhenselectingdifferentcurrent
limits. Due to the high bandwidth of the ON/OFF feedback,
there is no overshoot at the power supply output. When an
external resistor (4 MΩ) is connected from the positive DC
input to the EN/UV pin, the power MOSFET switching will
be delayed during power-up until the DC line voltage exceeds
the threshold (100 V). Figures 10 and 11 show the power-up
timing waveform in applications with and without an external
resistor (4 MΩ) connected to the EN/UV pin.
Understartupandoverloadconditions,whentheconductiontime
is less than 400 ns, the device reduces the switching frequency
to maintain control of the peak drain current.
During power-down, when an external resistor is used, the
power MOSFET will switch for 64 ms after the output loses
regulation. The power MOSFET will then remain off without
any glitches since the under-voltage function prohibits restart
when the line voltage is low.
Figure 12 illustrates a typical power-down timing waveform.
Figure 13 illustrates a very slow power-down timing waveform
as in standby applications. The external resistor (4 MΩ) is
connected to the EN/UV pin in this case to prevent unwanted
restarts.
No bias winding is needed to provide power to the chip
because it draws the power directly from the DRAIN pin (see
Functional Description above). This has two main benefits.
First, for a nominal application, this eliminates the cost of a
bias winding and associated components. Secondly, for battery
charger applications, the current-voltage characteristic often
allows the output voltage to fall close to zero volts while still
delivering power. TinySwitch-III accomplishes this without a
forward bias winding and its many associated components. For
applications that require very low no-load power consumption
(50 mW), a resistor from a bias winding to the BYPASS/
MULTI-FUNCTION pin can provide the power to the chip.
The minimum recommended current supplied is 1 mA. The
BYPASS/MULTI-FUNCTION pin in this case will be clamped
at 6.4 V. This method will eliminate the power draw from the
DRAIN pin, thereby reducing the no-load power consumption
and improving full-load efficiency.
Current Limit Operation
Each switching cycle is terminated when the DRAIN current
reaches the current limit of the device. Current limit operation
providesgoodlineripplerejectionandrelativelyconstantpower
delivery independent of input voltage.
BYPASS/MULTI-FUNCTION Pin Capacitor
The BYPASS/MULTI-FUNCTION pin can use a ceramic
capacitor as small as 0.1 µF for decoupling the internal power
supplyofthedevice.Alargercapacitorsizecanbeusedtoadjust
the current limit. For TNY275-280, a 1 µF BP/M pin capacitor
will select a lower current limit equal to the standard current
limit of the next smaller device and a 10 µF BP/M pin capacitor
will select a higher current limit equal to the standard current
limit of the next larger device. The higher current limit level of
the TNY280 is set to 850 mA typical. The TNY274 MOSFET
does not have the capability for increased current limit so this
feature is not available in this device.


Similar Part No. - TNY280GTL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY280G POWERINT-TNY280G Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY280G POWERINT-TNY280G Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY280GG-TL POWERINT-TNY280GG-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY280GN-TL POWERINT-TNY280GN-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY280GTL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com