Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSFF5410 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSFF5410
Description  High Speed IR Emitting Diode in 5 mm (T-1 3 /4) Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSFF5410 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSFF5410 Datasheet HTML 1Page - Vishay Siliconix TSFF5410 Datasheet HTML 2Page - Vishay Siliconix TSFF5410 Datasheet HTML 3Page - Vishay Siliconix TSFF5410 Datasheet HTML 4Page - Vishay Siliconix TSFF5410 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VISHAY
TSFF5410
Document Number 81091
Rev. 1.4, 23-Jun-04
Vishay Semiconductors
www.vishay.com
3
Figure 3. Pulse Forward Current vs. Pulse Duration
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Radiant Intensity vs. Forward Current
100
1000
0.01
0.1
1.0
10
100
tp - Pulse Duration ( ms )
16031
t p/ T= 0.01
0.05
0.2
0.5
0.1
0.02
Tamb
< 50°
18873
1000
100
10
1
VF - Forward Voltage(V)
01
2
3
4
t = 100
µs
p
t / T = 0.001
p
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
18220
IF - Forward Current ( mA )
Figure 6. Relative Radiant Power vs. Wavelength
Figure 7. Relative Radiant Intensity vs. Angular Displacement
Figure 8. Attenuation vs. Frequency
780
880
λ – Wavelength ( nm )
980
95 9886
0
0.25
0.5
0.75
1.0
1.25
0.4
0.2
0
0.2
0.4
0.6
94 8883
0.6
0.9
0.8
0
°
°
°
30°
10
20
40°
50°
60°
70°
80°
0.7
1.0
-5
-4
-3
-2
-1
0
1
10
100
1000
10000
100000
f - Frequency ( kHz )
14256
IFDC = 70mA
IFAC = 30mA pp


Similar Part No. - TSFF5410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSFF5410 VISHAY-TSFF5410 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.6, 21-Jul-08
TSFF5410 VISHAY-TSFF5410 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSFF5410 VISHAY-TSFF5410 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.8, 24-Aug-11
TSFF5410 VISHAY-TSFF5410 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5410 VISHAY-TSFF5410 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Similar Description - TSFF5410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHG6400 VISHAY-TSHG6400 Datasheet
116Kb / 6P
   High Speed IR Emitting Diode in T-1 3/4 Package
Rev. 1.0, 28-Nov-06
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 7, 02-Aug-99
TSFF5400 VISHAY-TSFF5400 Datasheet
86Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 5, 29-Jun-99
TSPF5400 VISHAY-TSPF5400 Datasheet
85Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSFF5200 VISHAY-TSFF5200 Datasheet
87Kb / 6P
   High Speed IR Emitting Diode in ø5 mm (T–13/4) Package
Rev. 2, 29-Jun-99
TSHF5410 VISHAY-TSHF5410 Datasheet
116Kb / 6P
   High Speed Infrared Emitting Diode in T-1 3/4 Package
Rev. 1.1, 26-Oct-06
TSAL4400 VISHAY-TSAL4400 Datasheet
81Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰3 mm (T.1) Package
Rev. 3, 20-May-99
logo
Kingbright Corporation
WP7113F3C-P22 KINGBRIGHT-WP7113F3C-P22 Datasheet
718Kb / 5P
   T-1 3/4 (5 mm) Infrared Emitting Diode
logo
Vishay Siliconix
TSMF1020 VISHAY-TSMF1020 Datasheet
491Kb / 9P
   High Speed IR Emitting Diode in SMD Package
Rev. 6, 21-May-03
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 3, 20-May-99
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com