Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPT-13-6015 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # TPT-13-6015
Description  Temperature Compensated Power Amplifier 6 GHz - 13 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TPT-13-6015 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  TPT-13-6015 Datasheet HTML 1Page - Teledyne Technologies Incorporated TPT-13-6015 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
TPT-13-6015
Temperature Compensated Power Amplifier
6 GHz - 13 GHz
08/05
ISO 9001:2000


Similar Part No. - TPT-13-6015

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TPT-13-6014 TELEDYNE-TPT-13-6014 Datasheet
887Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
TPT-13-6016 TELEDYNE-TPT-13-6016 Datasheet
887Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
More results

Similar Description - TPT-13-6015

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPT-13-6025 TELEDYNE-CPT-13-6025 Datasheet
876Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
CPT-13-6027 TELEDYNE-CPT-13-6027 Datasheet
877Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
TPT-13-6026 TELEDYNE-TPT-13-6026 Datasheet
871Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
CPT-13-6026 TELEDYNE-CPT-13-6026 Datasheet
876Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
CPT-13-6036 TELEDYNE-CPT-13-6036 Datasheet
876Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
TPT-13-6014 TELEDYNE-TPT-13-6014 Datasheet
887Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
TPT-13-6036 TELEDYNE-TPT-13-6036 Datasheet
871Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
CPT-13-6028 TELEDYNE-CPT-13-6028 Datasheet
877Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
CPT-13-6035 TELEDYNE-CPT-13-6035 Datasheet
876Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
CPT-13-6037 TELEDYNE-CPT-13-6037 Datasheet
877Kb / 2P
   Temperature Compensated Power Amplifier 6 GHz - 13 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com