Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5050J-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VND5050J-E
Description  Double channel high side driver with analog current sense for automotive applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5050J-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VND5050J-E Datasheet HTML 9Page - STMicroelectronics VND5050J-E Datasheet HTML 10Page - STMicroelectronics VND5050J-E Datasheet HTML 11Page - STMicroelectronics VND5050J-E Datasheet HTML 12Page - STMicroelectronics VND5050J-E Datasheet HTML 13Page - STMicroelectronics VND5050J-E Datasheet HTML 14Page - STMicroelectronics VND5050J-E Datasheet HTML 15Page - STMicroelectronics VND5050J-E Datasheet HTML 16Page - STMicroelectronics VND5050J-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
VND5050J-E / VND5050K-E
Electrical specifications
13/28
Figure 14. Status Low Output Voltage
Figure 15. On State Resistance Vs Tcase
Figure 16. Status Leakage Current
Figure 17. On State Resistance Vs VCC
Figure 18. Status Clamp Voltage
Figure 19. Openload On State Detection
Threshold
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Vstat (V)
Istat=1.6mA
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
10
20
30
40
50
60
70
80
90
100
Ron (mOhm)
Iout=2A
Vcc=13V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0.025
0.03
0.035
0.04
0.045
0.05
0.055
Ilstat (uA)
Vstat=5V
0
5
10
15
20
25
30
35
40
Vcc (V)
0
10
20
30
40
50
60
70
80
90
100
Ron (mOhm)
Tc= 150°C
Tc= 125°C
Tc= 25°C
Tc= -40°C
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
Vscl (V)
Istat=1mA
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
10
20
30
40
50
60
70
80
90
100
Iol (mA)
Vin=5V


Similar Part No. - VND5050J-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
851Kb / 37P
   Double channel high side driver for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E_07 Datasheet
851Kb / 37P
   Double channel high side driver for automotive applications
More results

Similar Description - VND5050J-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com