Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC3232E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STC3232E
Description  High ESD-Protected, Low Power, 3.3V to 5.5V, True RS-232 Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC3232E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STC3232E Datasheet HTML 1Page - List of Unclassifed Manufacturers STC3232E Datasheet HTML 2Page - List of Unclassifed Manufacturers STC3232E Datasheet HTML 3Page - List of Unclassifed Manufacturers STC3232E Datasheet HTML 4Page - List of Unclassifed Manufacturers STC3232E Datasheet HTML 5Page - List of Unclassifed Manufacturers STC3232E Datasheet HTML 6Page - List of Unclassifed Manufacturers STC3232E Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STC3232E Datasheet Rev.0.1, Dec.2005
Page
of
7
STC International Limited
http://www.mcu-memory.com
Pin Configurations
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
VCC…………………………………………… …………… -0.3V to +6V
V+ ………………………………………………… ……… - 0.3V to +7V
V- …………………………………………… ……………… +0.3V to-7V
Input Voltages
T_IN……………………………………… …………… -0.3V to +6V
R_IN………………………………………… … ……………… ±25V
Output Voltages
T_OUT……………………………………………………… ±13.2V
R_OUT……………………………………… -0.3V to (VCC + 0.3V)
Short-Circuit Duration, T_OUT… … … … … … … … … … … … Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C) … … … … 842mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) … … … … 696mW
Operating Temperature Ranges
STC3232E… … … … … … … … … … … … … … … … -40°C to +85°C
Storage Temperature Range… … … … … … … … … -65°C to +165°C
Lead Temperature (soldering, 10sec) … … … … … … … … … +300°C
C1+  1
16 Vcc
V+  2
15 GND
C1-  3
14 T1OUT
C2+  4
13 R1IN
C2-  5
12 R1OUT
V-  6
11 T1IN
T2OUT  7
10 T2IN
R2IN  8
R2OUT
DIP/SO
STC3232E


Similar Part No. - STC3232E

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC3265 AUK-STC3265 Datasheet
91Kb / 3P
   NPN Silicon Transistor
logo
Suntsu Electronics, Inc...
STC32C SUNTSU-STC32C Datasheet
856Kb / 4P
   Ceramic SMT 4 Pad CMOS (VC)TCXO
STC32C25N07 SUNTSU-STC32C25N07 Datasheet
856Kb / 4P
   Ceramic SMT 4 Pad CMOS (VC)TCXO
STC32C25N07E SUNTSU-STC32C25N07E Datasheet
856Kb / 4P
   Ceramic SMT 4 Pad CMOS (VC)TCXO
STC32C25N07F SUNTSU-STC32C25N07F Datasheet
856Kb / 4P
   Ceramic SMT 4 Pad CMOS (VC)TCXO
More results

Similar Description - STC3232E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEY-L-TR EXAR-SP3222EEY-L-TR Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EUEY-L-TR EXAR-SP3232EUEY-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
ADM3222A UMW-ADM3222A Datasheet
592Kb / 16P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3232EEY-L-TR EXAR-SP3232EEY-L-TR Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBCN-L-TR EXAR-SP3232EBCN-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232ECA-L-TR EXAR-SP3232ECA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3222B SIPEX-SP3222B Datasheet
139Kb / 18P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3232EBET-L EXAR-SP3232EBET-L Datasheet
977Kb / 22P
   True 3.0V to 5.5V RS-232 Transceivers
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com