Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM431LGBCM235 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM431LGBCM235
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM431LGBCM235 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM431LGBCM235 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM431LGBCM235 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM431LGBCM235 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM431LGBCM235 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM431LGBCM235 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM431LGBCM235 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM431LGBCM235 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM431LGBCM235 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM431LGBCM235 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CM431L
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/02/10 Rev. 5
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
PACKAGE
TOLERANCE
0.5%
0.7%
1.0%
2.0%
T/R Quantity
SOT-23-3
1
CM431LACM233
CM431LDCM233
CM431LBCM233
CM431LCCM233
TR=3K
SOT-23-3
1
CM431LACM2R3
CM431LDCM2R3
CM431LBCM2R3
CM431LCCM2R3
TR=3K
SOT-23-5
1
CM431LACM235
CM431LDCM235
CM431LBCM235
CM431LCCM235
TR=3K
SOT-89
1
CM431LACM89
CM431LDCM89
CM431LBCM89
CM431LCCM89
TR=1K
TO-92
2
CM431LACN
CM431LDCN
CM431LBCN
CM431LCCN
TA=2K
SOP-8
CM431LACS
CM431LDCS
CM431LBCS
CM431LCCS
SOT-23-3
1
CM431LGACM233* CM431LGDCM233*
CM431LGBCM233*
CM431LGCCM233*
TR=3K
SOT-23-3
1
CM431LGACM2R3* CM431LGDCM2R3*
CM431LGBCM2R3* CM431LGCCM2R3*
TR=3K
SOT-23-5
1
CM431LGACM235* CM431LGDCM235*
CM431LGBCM235*
CM431LGCCM235*
TR=3K
SOT-89
1
CM431LGACM89*
CM431LGDCM89*
CM431LGBCM89*
CM431LGCCM89*
TR=1K
TO-92
2
CM431LGACN*
CM431LGDCN*
CM431LGBCN*
CM431LGCCN*
TA=2K
SOP-8
CM431LGACS*
CM431LGDCS*
CM431LGBCS*
CM431LGCCS*
Notes:
1) Add suffix
″TR″for Tape & Reel.
2) Add suffix
″TA″for Tape Ammo.
3)
*Note: Add suffix “G” for Pb Free Product


Similar Part No. - CM431LGBCM235

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Chicago Miniature Lamp,...
CM431 CML-CM431 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Visual Communications C...
CM431 VCC-CM431 Datasheet
27Kb / 1P
   Base
logo
Powerex Power Semicondu...
CM431255 POWEREX-CM431255 Datasheet
93Kb / 4P
   Dual SCR POW-R-BLOK??Modules 55 Amperes/1200-1600 Volts
More results

Similar Description - CM431LGBCM235

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com