Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT01N60N92 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CMT01N60N92
Description  POWER FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMT01N60N92 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CMT01N60N92 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT01N60N92 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT01N60N92 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT01N60N92 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT01N60N92 Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT01N60N92 Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT01N60N92 Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT01N60N92 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CMT01N60
POWER FIELD EFFECT TRANSISTOR
GENERAL DESCRIPTION
FEATURES
This high voltage MOSFET uses an advanced termination
scheme to provide enhanced voltage-blocking capability
without degrading performance over time. In addition, this
advanced MOSFET is designed to withstand high energy in
avalanche and commutation modes. The new energy
efficient design also offers a drain-to-source diode with a
fast recovery time. Designed for high voltage, high speed
switching applications in power supplies, converters and
PWM motor controls, these devices are particularly well
suited for bridge circuits where diode speed and
commutating safe operating areas are critical and offer
additional and safety margin against unexpected voltage
transients.
Robust High Voltage Termination
Avalanche Energy Specified
Source-to-Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
Diode is Characterized for Use in Bridge Circuits
IDSS and VDS(on) Specified at Elevated Temperature
PIN CONFIGURATION
SYMBOL
TO-251
Front View
1
23
TO-252
Front View
1
23
TO-92
Front View
1
23
D
S
G
N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain to Current - Continuous
Pulsed
ID
IDM
1.0
9.0
A
Gate-to-Source Voltage - Continue
Non-repetitive
VGS
VGSM
±30
±40
V
V
Total Power Dissipation
TO-251/252
PD
50
W
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
Single Pulse Drain-to-Source Avalanche Energy - TJ = 25℃
(VDD = 100V, VGS = 10V, IAS = 2A, L = 10mH, RG = 25Ω)
EAS
20
mJ
Thermal Resistance - Junction to Case
Junction to Ambient
θJC
θJA
1.0
62.5
/W
Maximum Lead Temperature for Soldering Purposes, 1/8” from case for 10 seconds
TL
260
2005/12/05 Rev. 1.5
Champion Microelectronic Corporation
Page 1


Similar Part No. - CMT01N60N92

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CMT01N60N92 CHAMP-CMT01N60N92 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
More results

Similar Description - CMT01N60N92

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
   Power Field Effect Transistor
MTM25N10 MOTOROLA-MTM25N10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTP5N20 MOTOROLA-MTP5N20 Datasheet
165Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP10N15 MOTOROLA-MTP10N15 Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT06N60 ETC-CMT06N60 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com