Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9262 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG9262
Description  Low-Voltage Dual SPST Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9262 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG9262 Datasheet HTML 1Page - Vishay Siliconix DG9262 Datasheet HTML 2Page - Vishay Siliconix DG9262 Datasheet HTML 3Page - Vishay Siliconix DG9262 Datasheet HTML 4Page - Vishay Siliconix DG9262 Datasheet HTML 5Page - Vishay Siliconix DG9262 Datasheet HTML 6Page - Vishay Siliconix DG9262 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DG9262/9263
Vishay Siliconix
New Product
Document Number: 70862
S-05298—Rev. B, 17-Dec-01
www.vishay.com
3
SPECIFICATIONS (V+ = 5 V)
Test Conditions
Otherwise Unless Specified
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 5 V,
"10%, VIN = 0.8 or 2.4 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VANALOG
Full
0
5
V
Drain-Source On-Resistance
rDS(on)
VNO or VNC = 3.5 V, V+ = 4.5 V
ICOM = 5 mA
Room
Full
30
60
75
rDS(on) Matchd
DrDS(on)
VNO or VNC = 3.5 V
Room
0.4
2
W
rDS(on) Flatnessf
rDS(on)
Flatness
VNO or VNC = 1, 2, and 3 V
Room
2
6
NO or NC Off Leakage Current
INO/NC(off)
VNO or VNC = 1 V / 4 V, VCOM = 4 V / 1 V
Room
Full
-100
–5000
10
100
5000
COM Off Leakage Current
ICOM(off)
VCOM = 1 V / 4 V, VNO or VNC = 4 V / 1 V
Room
Full
-100
–5000
10
100
5000
pA
Channel-On Leakage Current
ICOM(on)
VCOM = VNO or VNC = 1 V / 4 V
Room
Full
-200
–10000
200
10000
Digital Control
Input Current
IINL or IINH
Full
1
mA
Dynamic Characteristics
Turn-On Time
tON
Room
Full
35
75
150
Turn-Off Time
tOFF
VNO or VNC = 3.0 V
Room
Full
20
50
100
ns
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 W
Room
2
5
pC
Off-Isolation
OIRR
W
Room
–74
Crosstalk
XTALK
RL = 50 W, CL = 5 pF, f = 1 MHz
Room
–90
dB
NC and NO Capacitance
C(off)
Room
7
Channel-On Capacitance
CD(on)
f = 1 MHz
Room
20
pF
Com-Off Capacitance
CD(off)
Room
13
Power Supply
Power Supply Range
V+
2.7
12
V
Power Supply Current
I+
V+ = 5.5 V, VIN = 0 or 5.5 V
1
mA
Notes:
a.
Room = 25
°C, Full = as determined by the operating suffix.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c.
Typical values are for design aid only, not guaranteed nor subject to production testing.
d.
Guarantee by design, nor subjected to production test.
e.
VIN = input voltage to perform proper function.
f.
Difference of min and max values.


Similar Part No. - DG9262

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9262 VISHAY-DG9262 Datasheet
111Kb / 8P
   Low-Voltage Dual SPST Analog Switch
Rev. C, 14-May-07
DG9262 VISHAY-DG9262 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
DG9262 VISHAY-DG9262 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9262DQ-T1-E3 VISHAY-DG9262DQ-T1-E3 Datasheet
111Kb / 8P
   Low-Voltage Dual SPST Analog Switch
Rev. C, 14-May-07
DG9262DQ-T1-E3 VISHAY-DG9262DQ-T1-E3 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
More results

Similar Description - DG9262

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
   Low-Voltage Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. E, 14-May-07
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com