Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61LV25616-8K Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC61LV25616-8K
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV25616-8K Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC61LV25616-8K Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV25616-8K Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV25616-8K Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV25616-8K Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV25616-8K Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV25616-8K Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV25616-8K Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV25616-8K Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV25616-8K Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IC61LV25616
4
Integrated Circuit Solution Inc.
AHSR022-0A
09/11/2001
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V
± 10%
Industrial
–40°C to +85°C
3.3V
± 10%
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
Com.
–1
1
µA
Ind.
–5
5
ILO
Output Leakage
GND
≤ VOUT ≤ VCC
Com.
–1
1
µA
Outputs Disabled
Ind.
–5
5
Notes:
1. VIL (min.) = –2.0V for pulse width less than 10 ns.
2. The Vcc operating range for 8 ns is 3.3V +10%, -5%.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
Symbol
Parameter
TestConditions
Min. Max.
Min. Max.
Min. Max.
Min. Max. Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
Com.
350
320
290
260
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
360
330
300
270
ISB1
TTL Standby Current
VCC = Max.,
Com.
55
55
55
55
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
65
65
65
65
CE ≥ VIH , f = 0
ISB2
CMOS Standby
VCC = Max.,
Com.
10
10
10
10
mA
Current (CMOS Inputs)
CE ≥ VCC – 0.2V,
Ind.
15
15
15
15
VIN
≥ VCC – 0.2V, or
VIN
≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc+0.5
V
TBIAS
Temperature Under Bias
–45 to +90
°C
VCC
Vcc Related to GND
–0.3 to +4.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.0
W
Note:
1. Stress greater than those listed under
ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device.
This is a stress rating only and func-
tional operation of the device at these
or any other conditions above those
indicated in the operational sections of
this specification is not implied. Expo-
sure to absolute maximum rating con-
ditions for extended periods may affect
reliability.


Similar Part No. - IC61LV25616-8K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10J ICSI-IC61LV256-10J Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JG ICSI-IC61LV256-10JG Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JI ICSI-IC61LV256-10JI Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JIG ICSI-IC61LV256-10JIG Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
More results

Similar Description - IC61LV25616-8K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com