Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61LV25616-8B Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IC61LV25616-8B
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV25616-8B Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC61LV25616-8B Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV25616-8B Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV25616-8B Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV25616-8B Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV25616-8B Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV25616-8B Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV25616-8B Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV25616-8B Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV25616-8B Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IC61LV25616
Integrated Circuit Solution Inc.
3
AHSR022-0A
09/11/2001
1
2
3
4
5
6
7
8
9
10
11
12
PIN DESCRIPTIONS
A0-A17
Address Inputs
I/O0-I/O15
Data Inputs/Outputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
TRUTH TABLE
I/O PIN
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
LB
LB
LB
LB
LB
UB
UB
UB
UB
UB
I/O0-I/O7
I/O8-I/O15
Vcc Current
Not Selected
X
H
X
X
X
High-Z
High-Z
ISB1, ISB2
Output Disabled
H
L
H
X
X
High-Z
High-Z
ICC
X
L
X
H
H
High-Z
High-Z
Read
H
L
L
L
H
DOUT
High-Z
ICC
H
L
L
H
L
High-Z
DOUT
H
LLLL
DOUT
DOUT
Write
L
L
X
L
H
DIN
High-Z
ICC
L
L
X
H
L
High-Z
DIN
LL
X
L
L
DIN
DIN
LB
Lower-byte Control (I/O0-I/O7)
UB
Upper-byte Control (I/O8-I/O15)
NC
No Connection
Vcc
Power
GND
Ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A0
A1
A2
A3
A4
CE
I/O0
I/O1
I/O2
I/O3
Vcc
GND
I/O4
I/O5
I/O6
I/O7
WE
A5
A6
A7
A8
A9
A17
A16
A15
OE
UB
LB
I/O15
I/O14
I/O13
I/O12
GND
Vcc
I/O11
I/O10
I/O9
I/O8
NC
A14
A13
A12
A11
A10
PIN CONFIGURATIONS
44-Pin TSOP-2 and SOJ
48-Pin TF-BGA
1
2
3
4
5
6
A
B
C
D
E
F
G
H
LB
OE
A0
A1
A2
N/C
I/O0
UB
A3
A4
CE
I/O8
I/O1
I/O2
A5
A6
I/O10
I/O9
GND
I/O3
A17
A7
I/O11
Vcc
Vcc
I/O4
NC
A16
I/O12
GND
I/O6
I/O5
A14
A15
I/O13
I/O14
I/O7
NC
A12
A13
WE
I/O15
NC
A8
A9
A10
A11
NC


Similar Part No. - IC61LV25616-8B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10J ICSI-IC61LV256-10J Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JG ICSI-IC61LV256-10JG Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JI ICSI-IC61LV256-10JI Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JIG ICSI-IC61LV256-10JIG Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
More results

Similar Description - IC61LV25616-8B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com