Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPPM0110DWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPPM0110DWP
Description  DUAL LOW-DROPOUT LINEAR REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0110DWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPPM0110DWP Datasheet HTML 5Page - Texas Instruments TPPM0110DWP Datasheet HTML 6Page - Texas Instruments TPPM0110DWP Datasheet HTML 7Page - Texas Instruments TPPM0110DWP Datasheet HTML 8Page - Texas Instruments TPPM0110DWP Datasheet HTML 9Page - Texas Instruments TPPM0110DWP Datasheet HTML 10Page - Texas Instruments TPPM0110DWP Datasheet HTML 11Page - Texas Instruments TPPM0110DWP Datasheet HTML 12Page - Texas Instruments TPPM0110DWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TPPM0110
DUAL LOW-DROPOUT LINEAR REGULATOR
SLVS365 –MARCH 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL THERMAL CHARACTERISTICS
To ensure reliable operation of the device, the junction temperature of the output device must be within the safe
operating area (SOA). This is achieved by providing a means to dissipate the heat generated from the junction
of the output structure. There are two components that contribute to thermal resistance. They consist of two
paths in series. The first is the junction-to-case thermal resistance, RθJC; the second is the case-to-ambient
thermal resistance, RθCA. The overall junction-to-ambient thermal resistance, RθJA, is determined by:
RθJA = RθJC + RθCA
The ability to efficiently dissipate the heat from the junction is a function of the package style and board layout
incorporated in the application. The operating junction temperature is determined by the operating ambient
temperature, TA, and the junction power dissipation, PJ.
The junction temperature, TJ, is determined by the following thermal equation:
TJ = TA + PJ (RθJC) + PJ (RθCA)
TJ = TA + PJ (RθJA)
This particular application uses the 20-pin DWP power pad package with a standard lead frame with a dedicated
ground terminal. Using a multilayer printed-circuit board (PCB), the power pad is mounted as recommended
in the TI packaging application. The power pad is electrically connected to the ground plane of the board through
a dedicated ground pin and the die mount power pad. This provides a means for heat spreading through the
copper plane associated within the PCB (ground layer). The thermal resistance from junction to ambient, RθJA,
is dependent of several factors, the implemented method of package attachment to the heat spreading material
and the air flow in the system application.


Similar Part No. - TPPM0110DWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWP TI-TPPM0111DWP Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWPR TI-TPPM0111DWPR Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
[Old version datasheet]   SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPPM0110DWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
   Dual, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
   Low-Cost, Low-Dropout, Dual Linear Regulator
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com