Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMA-S690 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HSMA-S690
Description  High Performance Surface Mount Chip LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMA-S690 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HSMA-S690 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMA-S690 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMA-S690 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMA-S690 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMA-S690 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMA-S690 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMA-S690 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMA-S690 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMA-S690 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Figure 12. Tape Dimensions HSMx-S670, HSMx-S690.
Figure 11. Reel Dimensions.
Figure 10. Reeling Orientation.
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
2.0
(0.08)
21.0
(0.83)
Ø 13.0
(0.51)
1.5
(0.06)
TYP.
13.0
(0.51)
10.0
(0.39)
60°
60°
180
(7.08)
Ø
60.0
(2.36)
Ø
LABEL
NOTE:
ALL DIMENSIONS IN MILLIMETERS (INCHES).
8.00 ± 0.30
(0.315 ± 0.012)
USER FEED
DIRECTION
DIM. A
(SEE TABLE 1)
3.50 ± 0.05
(0.138 ± 0.002)
1.75 ± 0.10
(0.069 ± 0.004)
1.30 ± 0.10
(0.051 ± 0.004)
0.20 ± 0.05
(0.008 ± 0.002)
CARRIER TAPE
COVER TAPE
DIM. B
(SEE TABLE 1)
4.00 ± 0.10
(0.157 ± 0.004)
2.00 ± 0.05
(0.079 ± 0.002)
4.00 ± 0.10
(0.157 ± 0.004)
1.50 + 0.10
0
(0.059 + 0.004)
0
Ø
HSMX-S670 SERIES 2.25 (0.089) 1.45 (0.057)
TABLE 1
DIMENSIONS IN MILLIMETERS (INCHES)
CATHODE
DIM. A
± 0.10 (0.004)
DIM. B
± 0.10 (0.004)
PART NUMBER
HSMX-S690 SERIES 1.85 (0.073) 1.00 (0.039)
CATHODE HOLE
FOR HSMX-S690
SERIES


Similar Part No. - HSMA-S690

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMA-A100-Q00H1 BOARDCOM-HSMA-A100-Q00H1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
HSMA-A100-Q00H1 BOARDCOM-HSMA-A100-Q00H1 Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMA-A100-Q00J1 HP-HSMA-A100-Q00J1 Datasheet
67Kb / 2P
   PLCC-2 SMT LED
HSMA-A100-Q00J1 HP-HSMA-A100-Q00J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A100-Q00J1 AVAGO-HSMA-A100-Q00J1 Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSMA-S690

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMA-C540 HP-HSMA-C540 Datasheet
195Kb / 8P
   Oval Lens High Performance Surface Mount LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C197 AVAGO-HSML-C197 Datasheet
188Kb / 10P
   High Performance Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com