Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC42S16160-6TIG Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC42S16160-6TIG
Description  4M x 16Bit x 4 Banks (256-MBIT) SDRAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16160-6TIG Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC42S16160-6TIG Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S16160-6TIG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S16160-6TIG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S16160-6TIG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S16160-6TIG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S16160-6TIG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S16160-6TIG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S16160-6TIG Datasheet HTML 9Page - Integrated Circuit Solution Inc IC42S16160-6TIG Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
IC42S16160
6
Integrated Circuit Solution Inc.
DR037-0A 9/05/2003
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VDD
Supply Voltage (with respect to VSS)
–0.5 to +4.6
V
VDDQ
Supply Voltage for Output (with respect to VSSQ)
–0.5 to +4.6
V
VI
Input Voltage (with respect to VSS)
–0.5 to VDD+0.5
V
VO
Output Voltage (with respect to VSSQ)
–1.0 to VDDQ+0.5
V
IO
Short circuit output current
50
mA
PD
Power Dissipation (TA = 25 °C)
1W
TOPT
Operating Temperature
0 to +70
°C
TSTG
Storage Temperature
–65 to +150
°C
Notes:
1. Exposing the device to stress above those listed in Absolute Maximum Ratings could cause permanent
damage. The device is not meant to be operated under conditions outside the limits described in the
operational section of this specification. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
DC RECOMMENDED OPERATING CONDITIONS
(At TA = 0 to +70°C unless otherwise noted)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VDDQ
Supply Voltage for DQ
3.0
3.3
3.6
V
VIH
High Level Input Voltage (all Inputs)
2.0
VDD + 1.2
V
VIL
Low Level Input Voltage (all Inputs)
-1.2
+0.8
V
Notes:
1. All voltages are referenced to VSS =0V
2. VIH(max) for pulse width with
≤ 3ns of duration
3. VIL(min) for pulse width with
≤ 3ns of duration
CAPACITANCE CHARACTERISTICS
(At TA = 0 ~ 70°C, VDD = VDDQ = 3.3 ± 0.3V, VSS = VSSQ = 0V , unless otherwise noted)
Symbol
Parameter
Max.
Unit
CIN
Input Capacitance, address & control pin
5pF
CCLK
Input Capacitance, CLK pin
4pF
CI/O
Data Input/Output Capacitance
6.5
pF


Similar Part No. - IC42S16160-6TIG

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IC42S16160B-7TL ISSI-IC42S16160B-7TL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IC42S16160-6TIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
   4M x 4 BANKS x 16BIT SDRAM
logo
Integrated Circuit Solu...
IC43R16160 ICSI-IC43R16160 Datasheet
1Mb / 56P
   4M x 16 Bit x 4 Banks (256-MBIT) DDR SDRAM
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A ICSI-IC42S16400A Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
logo
Samsung semiconductor
K4M561633G SAMSUNG-K4M561633G Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163PF SAMSUNG-K4S56163PF Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PG SAMSUNG-K4M56163PG Datasheet
115Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S561633F SAMSUNG-K4S561633F Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54BOC
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
K4M56163PE-R SAMSUNG-K4M56163PE-R Datasheet
112Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com