Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA569AIDWP Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA569AIDWP
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA569AIDWP Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA569AIDWP Datasheet HTML 1Page - Burr-Brown (TI) OPA569AIDWP Datasheet HTML 2Page - Burr-Brown (TI) OPA569AIDWP Datasheet HTML 3Page - Burr-Brown (TI) OPA569AIDWP Datasheet HTML 4Page - Burr-Brown (TI) OPA569AIDWP Datasheet HTML 5Page - Burr-Brown (TI) OPA569AIDWP Datasheet HTML 6Page - Burr-Brown (TI) OPA569AIDWP Datasheet HTML 7Page - Burr-Brown (TI) OPA569AIDWP Datasheet HTML 8Page - Burr-Brown (TI) OPA569AIDWP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
OPA569
SBOS264A
2
www.ti.com
PIN #
NAME
DESCRIPTION
1, 10, 11, 20
PowerPAD
PowerPAD Connection Pins
2
Parallel Out 1
Connection for Paralleling Multiple
Amplifiers
3
Current Limit Set
Current Limit Set Pin
4
Current Limit Flag
Indicates When Part is in Current
Limit (Active LOW).
5
–In
Inverting Input
6
+In
Noninverting Input
7
Thermal Flag
Indicates Thermal Stress (Active
LOW)
8
Enable
Enabled HIGH. Shut down LOW.
9
Parallel Out 2
Connection for Paralleling Multiple
Amplifiers
12, 13
V+
Positive Power-Supply Voltage
14, 15
VO
Output
16
NC
No Internal Connection
17, 18
V–
Negative Power-Supply Voltage
19
IMONITOR
Provides 1:475 Bidirectional Copy
of Output Current.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
Supply Voltage ................................................................................. +7.5V
Output Current ............................................................... See SOA Curves
Signal Input Terminals (pins 2, 5, 6, and 9):
Voltage(2) ............................................... (V–) – 0.5V to (V+) + 0.5V
Current(2) ................................................................................
±10mA
Output Short-Circuit(3) ........ Continuous when thermal protection enabled
Current Monitor (pin 19) Short-Circuit ..................................... Continuous
Enable Pin (pin 8) .......................................... (V–) – 0.5V to (V–) + 7.5V
PowerPAD (pins 1, 10, 11, 20, and pad) ...... (V–) – 0.5V to (V–) + 0.5V
Current Limit Set (pin 3) ................................. (V–) – 0.5V to (V+) + 0.5V
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those specified is
not implied. (2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less. (3) Short-circuit to ground.
PIN CONFIGURATION
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS(1)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PowerPAD(1)
Parallel Out 1
Current Limit Set
Current Limit Flag
–In
+In
Thermal Flag
Enable
Parallel Out 2
PowerPAD(1)
PowerPAD(1)
I
MONITOR
V–(3)
V–(3)
NC(2)
V
O
(3)
V
O
(3)
V+(3)
V+(3)
PowerPAD(1)
OPA569
Metal
PowerPAD
Heat Sink
(Located
on
bottom
side)
NOTES: (1) PowerPAD pins 1, 10, 11, and 20 and the
PowerPAD should be connected to the most negative
supply (V–) in either single or split supply configurations.
(2) NC means no internal connection.
(3) The following pin pairs must be connected together:
12 and 13; 14 and 15; 17 and 18.
Top View
SO
PIN DESCRIPTIONS
For the most current package and ordering information, see
the Package Option Addendum located at the end of this
data sheet.


Similar Part No. - OPA569AIDWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA569AIDWP TI1-OPA569AIDWP Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail I/O, 2A POWER AMPLIFIER
OPA569AIDWPG4 TI1-OPA569AIDWPG4 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail I/O, 2A POWER AMPLIFIER
OPA569AIDWPR TI1-OPA569AIDWPR Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail I/O, 2A POWER AMPLIFIER
OPA569AIDWPRG4 TI1-OPA569AIDWPRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail I/O, 2A POWER AMPLIFIER
More results

Similar Description - OPA569AIDWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA567 TI-OPA567 Datasheet
521Kb / 23P
[Old version datasheet]   Rail-to-Rail I/O, 2A POWER AMPLIFIER
OPA569 TI1-OPA569 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail I/O, 2A POWER AMPLIFIER
INA326 TI-INA326 Datasheet
459Kb / 21P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
   Rail-to-Rail I/O
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI-INA326_07 Datasheet
612Kb / 23P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8651 HMSEMI-HM8651 Datasheet
778Kb / 7P
   Power Supply Rail to Rail I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com