Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM75L60CMIB Datasheet(PDF) 1 Page - International Rectifier

Part # OM75L60CMIB
Description  CERMOD-TM HERMETIC HIGH POWER MODULES, THREE PHASE BRIDGE, IGBT?셎
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM75L60CMIB Datasheet(HTML) 1 Page - International Rectifier

  OM75L60CMIB Datasheet HTML 1Page - International Rectifier OM75L60CMIB Datasheet HTML 2Page - International Rectifier OM75L60CMIB Datasheet HTML 3Page - International Rectifier OM75L60CMIB Datasheet HTML 4Page - International Rectifier OM75L60CMIB Datasheet HTML 5Page - International Rectifier OM75L60CMIB Datasheet HTML 6Page - International Rectifier OM75L60CMIB Datasheet HTML 7Page - International Rectifier OM75L60CMIB Datasheet HTML 8Page - International Rectifier OM75L60CMIB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
Rugged, Lightweight Hermetic Ceramic Package
NPT IGBT Technology
Soft Recovery Rectifiers
Zener Gate Protection
Short Circuit Capability
-55 C to +150 C Operating Temperature Range
Hi-Rel Screened Available
DESCRIPTION
CERMOD™ modules are isolated fully hermetic power modules which combine the latest
NPT IGBT and Soft Recovery Rectifier technology housed in a low thermal resistance
ceramic to metal sealed light weight package. This series of CERMOD™ power modules are
offered in a three phase bridge configuration as Phase Leg and chopper configurations.
Designed for tough environments, these high power modules are ideally suited in motor
control, inverters, switching power supplies, in aerospace, defense, transportation and high
power industrial equipment and systems.
9 5 R0
75 & 100 A, 600V Three Phase Bridge
Configuration in Ceramic to Metal
Sealed Modules
CERMOD™ HERMETIC HIGH POWER MODULES,
THREE PHASE BRIDGE, IGBT’S
GENERAL CHARACTERISTICS @ 25
°C
OM100L60CMIS,
OM75L60CMIS,
OM75L60CMIB
Patent Pending
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246
Visit Our Web Site at www.omnirel.com
PART
NUMBER
VCE, Volts
IC AMPS
VCE (sat) Volts
CONFIGURATION
OM100L60CMIS
600
100
2.5
3 Phase Bridge
OM75L60CMIS
600
75
2.5
3 Phase Bridge
OM75L60CMIB
600
75
2.5
3 Phase Bridge
& Braking Transistor


Similar Part No. - OM75L60CMIB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7500SC ETC-OM7500SC Datasheet
52Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
OM7500SM ETC1-OM7500SM Datasheet
32Kb / 5P
   SURFACE MOUNT DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
OM7501SC ETC-OM7501SC Datasheet
36Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
OM7501SC ETC-OM7501SC Datasheet
52Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
OM7501SM ETC1-OM7501SM Datasheet
32Kb / 5P
   SURFACE MOUNT DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
More results

Similar Description - OM75L60CMIB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
36MT160 IRF-36MT160 Datasheet
75Kb / 6P
   THREE PHASE BRIDGE Power Modules
logo
Vishay Siliconix
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
VS-301MT...C VISHAY-VS-301MT...C_V02 Datasheet
183Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2023
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V02 Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
01-Jan-2023
VS-130MTC VISHAY-VS-130MTC_V01 Datasheet
155Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-131MTC VISHAY-VS-131MTC Datasheet
185Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-161MTC VISHAY-VS-161MTC Datasheet
182Kb / 6P
   Three Phase Bridge, 160 A (Power Modules)
01-Jan-2022
VS-300MTC VISHAY-VS-300MTC_V01 Datasheet
153Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2022
VS-301MTC VISHAY-VS-301MTC Datasheet
184Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2022
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V01 Datasheet
112Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com