Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N01L163WC2AT-55I Datasheet(PDF) 11 Page - NanoAmp Solutions, Inc.

Part # N01L163WC2AT-55I
Description  2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N01L163WC2AT-55I Datasheet(HTML) 11 Page - NanoAmp Solutions, Inc.

Back Button N01L163WC2AT-55I Datasheet HTML 3Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 4Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 5Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 9Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 10Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 11Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
(DOC# 14-02-013 REV G ECN# 01-1270)
11
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02L163WC2A
Ordering Information
© 2001 - 2002 Nanoamp Solutions, Inc. All rights reserved.
NanoAmp Solutions, Inc. ("NanoAmp") reserves the right to change or modify the information contained in this data sheet and the products described therein, without prior notice.
NanoAmp does not convey any license under its patent rights nor the rights of others. Charts, drawings and schedules contained in this data sheet are provided for illustration pur-
poses only and they vary depending upon specific applications.
NanoAmp makes no warranty or guarantee regarding suitability of these products for any particular purpose, nor does NanoAmp assume any liability arising out of the application
or use of any product or circuit described herein. NanoAmp does not authorize use of its products as critical components in any application in which the failure of the NanoAmp
product may be expected to result in significant injury or death, including life support systems and critical medical instruments.
Revision History
Revision
Date
Change Description
A
Jan. 2001
Initial Preliminary Release
B
May 2001
Changed access time to 55 ns
C
Sept. 2001
Minor parametric modifications. Full production release.
D
Dec. 2001
Part number change from EM128J16, modified Overview and Features, added
Page Mode Operation diagram, revised Operating Characteristics table, Package
diagram, Functional Description table and Ordering Information diagram
E
Nov. 2002
Replaced Isb and Icc on Product Family table with typical values
F
Oct. 2004
Added Pb-Free and Green Package Option
G
Nov. 2005
Removed Pb-Free Pkg., added Green Pkg, RoHS compliant
N02L163WC2AX-XX X
I = Industrial, -40°C to 85°C
55 = 55ns
T = 44-pin TSOP II
B = 48-ball BGA
T2 = 44-pin TSOP II Green Package (RoHS Compliant)
B2 = 48-ball BGA Green Package (RoHS Compliant)
Temperature
Performance
Package Type


Similar Part No. - N01L163WC2AT-55I

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N01L163WC2AT-55I NANOAMP-N01L163WC2AT-55I Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results

Similar Description - N01L163WC2AT-55I

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com