Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N02M0818L2AD-85I Datasheet(PDF) 4 Page - NanoAmp Solutions, Inc.

Part # N02M0818L2AD-85I
Description  2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02M0818L2AD-85I Datasheet(HTML) 4 Page - NanoAmp Solutions, Inc.

  N02M0818L2AD-85I Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02M0818L2AD-85I Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02M0818L2AD-85I Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02M0818L2AD-85I Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02M0818L2AD-85I Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02M0818L2AD-85I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02M0818L2AD-85I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02M0818L2AD-85I Datasheet HTML 8Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
(DOC#14-02-036 Rev C ECN#01-0887)
4
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02M0818L2A
Recommended Timing Limits - Read Cycle (Not all inclusive values tested)
Item
Symbol
1.3 - 2.3 V
1.65 - 2.3 V
Units
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
500
100
ns
Address Access Time
tAA
500
100
ns
Chip Enable to Valid Output
tCO
500
100
ns
Output Enable to Valid Output
tOE
200
50
ns
Chip Enable to Low-Z output
tLZ
100
20
ns
Output Enable to Low-Z Output
tOLZ
50
10
ns
Chip Disable to High-Z Output
tHZ
0150
0
30
ns
Output Disable to High-Z Output
tOHZ
0150
0
30
ns
Output Hold from Address Change
tOH
50
10
ns
Recommended Timing Limits - Write Cycle (Not all inclusive values tested)
Item
Symbol
1.3 - 2.3 V
1.65 - 2.3 V
Units
Min.
Max.
Min.
Max.
Write Cycle Time
tWC
500
85
ns
Chip Enable to End of Write
tCW
400
50
ns
Address Valid to End of Write
tAW
400
50
ns
Address Setup Time
tWP
300
40
ns
Write Pulse Width
tAS
00
ns
Write Recovery Time
tWR
00
ns
Write to High-Z Output
tWHZ
50
15
ns
Data to Write Time Overlap
tDW
300
40
ns
Data Hold from Write Time
tDH
00
ns
End Write to Low-Z Output
tOW
50
10
ns
Output Hold from Address Change
tOH
00
ns


Similar Part No. - N02M0818L2AD-85I

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AD NANOAMP-N02M0818L1AD Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AD-85I NANOAMP-N02M0818L1AD-85I Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AN NANOAMP-N02M0818L1AN Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AN-85I NANOAMP-N02M0818L1AN-85I Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
More results

Similar Description - N02M0818L2AD-85I

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com