Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N04L163WC2AT2 Datasheet(PDF) 1 Page - NanoAmp Solutions, Inc.

Part # N04L163WC2AT2
Description  4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N04L163WC2AT2 Datasheet(HTML) 1 Page - NanoAmp Solutions, Inc.

  N04L163WC2AT2 Datasheet HTML 1Page - NanoAmp Solutions, Inc. N04L163WC2AT2 Datasheet HTML 2Page - NanoAmp Solutions, Inc. N04L163WC2AT2 Datasheet HTML 3Page - NanoAmp Solutions, Inc. N04L163WC2AT2 Datasheet HTML 4Page - NanoAmp Solutions, Inc. N04L163WC2AT2 Datasheet HTML 5Page - NanoAmp Solutions, Inc. N04L163WC2AT2 Datasheet HTML 6Page - NanoAmp Solutions, Inc. N04L163WC2AT2 Datasheet HTML 7Page - NanoAmp Solutions, Inc. N04L163WC2AT2 Datasheet HTML 8Page - NanoAmp Solutions, Inc. N04L163WC2AT2 Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NanoAmp Solutions, Inc.
670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035
ph: 408-935-7777, FAX: 408-935-7770
www.nanoamp.com
N04L163WC2A
(DOC# 14-02-017 REV G ECN# 01-1268)
1
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
4Mb Ultra-Low Power Asynchronous CMOS SRAM
256K × 16 bit
Overview
The N04L163WC2A is an integrated memory
device containing a 4 Mbit Static Random Access
Memory organized as 262,144 words by 16 bits.
The device is designed and fabricated using
NanoAmp’s advanced CMOS technology to
provide both high-speed performance and ultra-low
power. The device operates with two chip enable
(CE1 and CE2) controls and output enable (OE) to
allow for easy memory expansion. Byte controls
(UB and LB) allow the upper and lower bytes to be
accessed independently and can also be used to
deselect the device. The N04L163WC2A is optimal
for various applications where low-power is critical
such as battery backup and hand-held devices.
The device can operate over a very wide
temperature range of -40oC to +85oC and is
available in JEDEC standard packages compatible
with other standard 256Kb x 16 SRAMs
Features
• Single Wide Power Supply Range
2.3 to 3.6 Volts
• Very low standby current
4.0µA at 3.0V (Typical)
• Very low operating current
2.0mA at 3.0V and 1µs (Typical)
• Very low Page Mode operating current
0.8mA at 3.0V and 1µs (Typical)
• Simple memory control
Dual Chip Enables (CE1 and CE2)
Byte control for independent byte operation
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.8V
• Very fast output enable access time
25ns OE access time
• Automatic power down to standby mode
• TTL compatible three-state output driver
• Compact space saving BGA package avail-
able
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply
(Vcc)
Speed
Options
Standby
Current (ISB),
Typical
Operating
Current (Icc),
Typical
N04L163WC2AB
48 - BGA
-40oC to +85oC 2.3V - 3.6V 70ns @ 2.7V
4
µA2 mA @ 1MHz
N04L163WC2AT
44 - TSOP II
N04L163WC2AB2
48 - BGA Green
N04L163WC2AT2
44 - TSOP II Green


Similar Part No. - N04L163WC2AT2

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB NANOAMP-N04L163WC1AB Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB-70I NANOAMP-N04L163WC1AB-70I Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB1 NANOAMP-N04L163WC1AB1 Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB1-70I NANOAMP-N04L163WC1AB1-70I Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
More results

Similar Description - N04L163WC2AT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
logo
AMI SEMICONDUCTOR
N04L1630C2B AMI-N04L1630C2B Datasheet
194Kb / 12P
   4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com