Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6941 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYWUSB6941
Description  WirelessUSB EX Radio
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6941 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYWUSB6941 Datasheet HTML 1Page - Cypress Semiconductor CYWUSB6941 Datasheet HTML 2Page - Cypress Semiconductor CYWUSB6941 Datasheet HTML 3Page - Cypress Semiconductor CYWUSB6941 Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6941 Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6941 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6941 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6941 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6941 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PRELIMINARY
CYWUSB6941
Document #: 38-16004 Rev. *A
Page 3 of 14
3.0
Functional Overview
The Cypress CYWUSB6941 WirelessUSB EX transceiver is designed to work with the Cypress CYWUSB6942 WirelessUSB EX
baseband controller to provide a complete WirelessUSB EX solution. The CYWUSB6941 contains a 2.4-GHz radio transceiver,
a GFSK modem, and a radio control interface that communicates with the CYWUSB6942 WirelessUSB EX baseband. The
CYWUSB6941 also facilitates the development of a complete WirelessUSB EX system with a minimum number of additional
components, typically requiring only eight external components (including crystal) for ease of implementation and manufacturing
(refer to Figure 3-1). Specific features include:
• 2.4-GHz frequency-hopping spread spectrum (FHSS) transceiver
• GFSK modulator/demodulator
• No external transmit/receive switch required
• Minimizes the need for external components
• Closed-loop phase-locked loop (PLL)
• VCO is integrated in the CYWUSB6941
• No external loop circuitry required
• Radio control interface.
3.1
2.4-GHz Radio Transceiver and GFSK Modem
The receiver is a low-IF architecture with fully integrated IF filters to achieve high performance in the presence of interference.
The FM demodulator and fast data slicer are fully integrated.
The hop frequency synthesizer provides the frequency-hopping local oscillator for the transmitter and receiver. The only external
components required are reference crystal, and several capacitors. The RF VCO is fully integrated, requiring no external tank
circuits.
The transmitter uses a DSP-based vector modulator to convert the transmit data to an accurate GFSK-modulated carrier. There
are a variety of DC power control features for transmitter, synthesizer, and receiver functions to optimize the average current drain.
3.2
Clocking
The CYWUSB6941 requires an external 13-MHz crystal with the following characteristics:
• Crystal temperature stability:
± 15 ppm max
• Crystal load capacitance: 10 – 15 pF.
The crystal has to be placed across the X13IN and X13 pins. No extra capacitors are needed.


Similar Part No. - CYWUSB6941

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYWUSB6932-48LFXC CYPRESS-CYWUSB6932-48LFXC Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYWUSB6932-48LFXC CYPRESS-CYWUSB6932-48LFXC Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
More results

Similar Description - CYWUSB6941

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWM6935 CYPRESS-CYWM6935 Datasheet
564Kb / 5P
   WirelessUSB LR Radio Module
CYWM6934 CYPRESS-CYWM6934 Datasheet
492Kb / 6P
   WirelessUSB LS Radio Module
CYWM6934 CYPRESS-CYWM6934_06 Datasheet
429Kb / 9P
   WirelessUSB LS??Radio Module
CYWM6935 CYPRESS-CYWM6935_06 Datasheet
620Kb / 8P
   WirelessUSB LR??Radio Module
CYWM6934 CYPRESS-CYWM6934_11 Datasheet
436Kb / 9P
   WirelessUSB LS??Radio Module
CYWM6935 CYPRESS-CYWM6935_11 Datasheet
627Kb / 8P
   WirelessUSB LR??Radio Module
CYWM6935PAEC CYPRESS-CYWM6935PAEC Datasheet
404Kb / 10P
   WirelessUSB??LRPA Radio Module
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYWUSB6953 CYPRESS-CYWUSB6953 Datasheet
209Kb / 7P
   WirelessUSB PRoC Flash Programmable MCU Radio
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com