Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHY9230CM Datasheet(PDF) 1 Page - International Rectifier

Part # IRHY9230CM
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHY9230CM Datasheet(HTML) 1 Page - International Rectifier

  IRHY9230CM Datasheet HTML 1Page - International Rectifier IRHY9230CM Datasheet HTML 2Page - International Rectifier IRHY9230CM Datasheet HTML 3Page - International Rectifier IRHY9230CM Datasheet HTML 4Page - International Rectifier IRHY9230CM Datasheet HTML 5Page - International Rectifier IRHY9230CM Datasheet HTML 6Page - International Rectifier IRHY9230CM Datasheet HTML 7Page - International Rectifier IRHY9230CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
-6.5
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
-4.1
IDM
Pulsed Drain Current ➀
-26
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
165
mJ
IAR
Avalanche Current ➀
-6.5
A
EAR
Repetitive Avalanche Energy ➀
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
-27
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063in./1.6mm from case for 10s)
Weight
4.3 (Typical)
g
Pre-Irradiation
International Rectifier’s RAD-HardTM HEXFET®
MOSFET technology provides high performance
power MOSFETs for space applications. This tech-
nology has over a decade of proven performance
and reliability in satellite applications. These de-
vices have been characterized for both Total Dose
and Single Event Effects (SEE). The combination
of low RDS(on) and low gate charge reduces the
power losses in switching applications such as DC
to DC converters and motor control. These de-
vices retain all of the well established advantages
of MOSFETs such as voltage control, fast switch-
ing, ease of paralleling and temperature stability
of electrical parameters.
oC
A
12/05/00
www.irf.com
1
For footnotes refer to the last page
Features:
n Single Event Effect (SEE) Hardened
n Ultra Low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Light Weight
RADIATION HARDENED
POWER MOSFET
THRU-HOLE (TO-257AA)
RAD-Hard
HEXFET
®
TECHNOLOGY
Product Summary
Part Number Radiation Level
RDS(on)
ID
QPL Part Number
IRHY9230CM
100K Rads (Si)
0.8
-6.5A
JANSR2N7383
IRHY93230CM 300K Rads (Si)
0.8
-6.5A
JANSF2N7383
TO-257AA
IRHY9230CM
JANSR2N7383
200V, P-CHANNEL
REF: MIL-PRF-19500/615
PD-91401


Similar Part No. - IRHY9230CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY9230CM IRF-IRHY9230CM Datasheet
127Kb / 8P
   Simple Drive Requirements
IRHY9230CM IRF-IRHY9230CM_15 Datasheet
127Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHY9230CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY7230CM IRF-IRHY7230CM Datasheet
105Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY67C30CM IRF-IRHY67C30CM Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CM IRF-IRHY57230CM Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9130CM IRF-IRHY9130CM Datasheet
116Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57234CMSE IRF-IRHY57234CMSE Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-257AA)
IRHY597130CM IRF-IRHY597130CM Datasheet
107Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597230CM IRF-IRHY597230CM Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CMSE IRF-IRHY57230CMSE Datasheet
175Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY7130CM IRF-IRHY7130CM Datasheet
108Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597034CM IRF-IRHY597034CM Datasheet
204Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com