Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL2N3 Datasheet(PDF) 3 Page - Supertex, Inc

Part # CL2N3
Description  Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL2N3 Datasheet(HTML) 3 Page - Supertex, Inc

  CL2N3 Datasheet HTML 1Page - Supertex, Inc CL2N3 Datasheet HTML 2Page - Supertex, Inc CL2N3 Datasheet HTML 3Page - Supertex, Inc CL2N3 Datasheet HTML 4Page - Supertex, Inc CL2N3 Datasheet HTML 5Page - Supertex, Inc CL2N3 Datasheet HTML 6Page - Supertex, Inc CL2N3 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Output Current vs. Voltage
Electrical Characteristics (@ T
J = 25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VA-B
Maximum operating voltage
90
V
IA-B
Current regulation
18.0
20.0
22.0
mA
VA-B = 5-90V
∆I
A-B/∆T
IA-B temperature coefficient
0.01
%/°C
VA-B = 45V,
TJ = -40°C to 100°C
TJ
Operating junction temperature
-40
125
°C
RA-B
Dynamic resistance
300k
NR062905
CL2
0
5
10
15
20
25
0
10
2030
40
50607080
90
100
V A-B


Similar Part No. - CL2N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2N3-G SUTEX-CL2N3-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N3-G SUTEX-CL2N3-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL2N3-G MICROCHIP-CL2N3-G Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
CL2N3-G-P002 MICROCHIP-CL2N3-G-P002 Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
Supertex, Inc
CL2N3-GP002 SUTEX-CL2N3-GP002 Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
More results

Similar Description - CL2N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
   Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
   Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
   Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
   Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com