Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV256X Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV256X
Description  32-Channel High Voltage Amplifier Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV256X Datasheet(HTML) 1 Page - Supertex, Inc

  HV256X Datasheet HTML 1Page - Supertex, Inc HV256X Datasheet HTML 2Page - Supertex, Inc HV256X Datasheet HTML 3Page - Supertex, Inc HV256X Datasheet HTML 4Page - Supertex, Inc HV256X Datasheet HTML 5Page - Supertex, Inc HV256X Datasheet HTML 6Page - Supertex, Inc HV256X Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
32-Channel High Voltage Amplifier Array
Features
❑ 32 independent high voltage amplifiers
❑ 300V operating voltage
❑ 295V output voltage
❑ 2.2V/µs typical output slew rate
❑ Adjustable output current limit
❑ Internal closed loop gain of 72V/V
❑ 12MΩ feedback impedance
❑ Layout ideal for die applications
Application
❑ MEMS (microelectromechanical systems) driver
❑ Piezoelectric transducer driver
❑ Optical crosspoint switches (using MEMS technology)
General Description
The Supertex HV256 is a 32-channel high voltage amplifier array
integrated circuit. It operates on a single high voltage supply, up
to 300V and two low voltage supplies, VDD and VNN.
The input voltage range is from 0V to 4.096V. The internal closed
loop gain is 72V/V giving an output voltage of 295V when 4.096V
is applied. Input voltages of up to 5V can be applied but will cause
the output to saturate. The maximum output voltage swing is 5V
below the VPP high voltage supply. The outputs can drive capaci-
tive loads of up to 3000pF.
The maximum output source and sink current can be adjusted
by using two external resistors. An external RSOURCE resistor
controls the maximum sourcing current and an external RSINK
resistor controls the maximum sinking current. The current limit
is approximately 12.5V divided by the external resistor value.
The setting is common for all 32 outputs. A low voltage silicon
junction diode is made available to help monitor the die
temperature.
Block Diagram
HV256
HVOUT0
HVOUT31
HVOUT1
GND
VPP
VNN
R
71R
VDD
VPP
VIN0
VPP
Output Current Source
Limiting for all HVOUT
RSOURCE
R
R
RSINK
Output Current Sink
Limiting for all HVOUT
71R
71R
Anode
Cathode
To internal VPP bus
BYP-VPP
BYP-VDD
BYP-VNN
To internal VNN bus
To internal VDD bus
VIN1
VIN31
VDD
VDD
VNN
VNN
Demo
Kit
Availab
le
A112304


Similar Part No. - HV256X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV256 SUTEX-HV256 Datasheet
1Mb / 11P
   32-Channel High Voltage Amplifi er Array
HV256DB1 SUTEX-HV256DB1 Datasheet
111Kb / 2P
   High Voltage Amplifier Array
HV256FG SUTEX-HV256FG Datasheet
1Mb / 11P
   32-Channel High Voltage Amplifi er Array
HV256FG-G SUTEX-HV256FG-G Datasheet
1Mb / 11P
   32-Channel High Voltage Amplifi er Array
HV256FG-G SUTEX-HV256FG-G Datasheet
1Mb / 13P
   32-Channel High Voltage Amplifier Array
More results

Similar Description - HV256X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV254 SUTEX-HV254 Datasheet
276Kb / 7P
   32-Channel High Voltage Amplifier Array
HV254 SUTEX-HV254_13 Datasheet
692Kb / 10P
   32-Channel High Voltage Amplifier Array
HV256 SUTEX-HV256_13 Datasheet
1Mb / 13P
   32-Channel High Voltage Amplifier Array
HV257 SUTEX-HV257 Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257 SUTEX-HV257_13 Datasheet
1Mb / 15P
   32-Channel High Voltage Sample and Hold Amplifier Array
logo
Linear Dimensions Semic...
LND-MA32 LINEAR_DIMENSIONS-LND-MA32 Datasheet
139Kb / 1P
   32 Channel High Voltage Amplifier
logo
Supertex, Inc
HV256 SUTEX-HV256_07 Datasheet
1Mb / 11P
   32-Channel High Voltage Amplifi er Array
HV256DB1 SUTEX-HV256DB1 Datasheet
111Kb / 2P
   High Voltage Amplifier Array
HV254DB1 SUTEX-HV254DB1 Datasheet
109Kb / 2P
   High Voltage Amplifier Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com