Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDX045N60 Datasheet(PDF) 1 Page - Rohm

Part # RDX045N60
Description  10V Drive Nch MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RDX045N60 Datasheet(HTML) 1 Page - Rohm

  RDX045N60 Datasheet HTML 1Page - Rohm RDX045N60 Datasheet HTML 2Page - Rohm RDX045N60 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RDX045N60
Transistors
1/2
10V Drive Nch MOS FET
RDX045N60
Structure
External dimensions (Unit : mm)
Silicon N-channel MOS FET
TO-220FM
(1)Gate
Features
1) Low on-resistance.
2) Low input capacitance.
3) Excellent resistance to damage from static electricity.
Applications
(2)Dr
(3)Source
ain
4.5
2.8
0.75
φ3.2
)(3)
0.8
2.54
2.6
2.54
1.3
1.2
10.0
(2
(1)
Switching
Packaging specifications
Inner circuit
(1) Gate
(2) Drain
(3) Source
∗1 GATE PROTECTION DIODE
∗2 BODY DIODE
∗2
∗1
(1)
(3)
(2)
Package
Code
Bulk
Basic ordering unit (pieces)
RDX045N60
500
Type
Absolute maximum ratings (Ta=25
°C)
Parameter
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation (Tc=25
°C)
Channel temperature
Avalanche current
Avalanche energy
Range of storage temperature
Continuous
Pulsed
Continuous
Pulsed
Source current
(Body diode)
∗2
∗1
∗2
∗3
∗4
V
VDSS
Symbol
600
V
VGSS
±30
A
ID
±4.5
A
IDP
±18
A
IS
4.5
A
ISP
18
PD
W
35
°C
Tch
150
°C
Tstg
−55 to +150
Limits
Unit
IAS
A
4.5
EAS
mJ
40
∗1 Limited only by maximum temperature allowed
∗3 L = 3.4mH VDD=90V Rg=25Ω
∗4 L = 3.4mH VDD=90V Rg=25Ω starting Tch=25°C
∗2 Pw 10µs, Duty cycle 1%
Thermal resistance
Parameter
°C/W
Rth(ch-c)
Symbol
Limits
Unit
Channel to case
3.57


Similar Part No. - RDX045N60

ManufacturerPart #DatasheetDescription
logo
Rohm
RDX030N60 ROHM-RDX030N60 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX050N50 ROHM-RDX050N50 Datasheet
59Kb / 3P
   10V Drive Nch MOS FET
RDX060N60 ROHM-RDX060N60 Datasheet
68Kb / 3P
   10V DRIVE NCH MOS FET
RDX080N50 ROHM-RDX080N50 Datasheet
67Kb / 3P
   10V Drive Nch MOS FET
More results

Similar Description - RDX045N60

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2715 ROHM-2SK2715_1 Datasheet
79Kb / 5P
   10V Drive Nch MOS FET
RDX050N50 ROHM-RDX050N50 Datasheet
59Kb / 3P
   10V Drive Nch MOS FET
RDX120N50 ROHM-RDX120N50 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX060N60 ROHM-RDX060N60 Datasheet
68Kb / 3P
   10V DRIVE NCH MOS FET
RDX100N60 ROHM-RDX100N60 Datasheet
61Kb / 3P
   10V Drive Nch MOS FET
RDX030N60 ROHM-RDX030N60 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX080N50 ROHM-RDX080N50 Datasheet
67Kb / 3P
   10V Drive Nch MOS FET
2SK3050 ROHM-2SK3050_1 Datasheet
107Kb / 6P
   10V Drive Nch MOS FET
RK3055E ROHM-RK3055E_1 Datasheet
95Kb / 5P
   10V Drive Nch MOS FET
UM5K1N ROHM-UM5K1N_06 Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com