Electronic Components Datasheet Search |
|
TSC8051C2XXX16ICR Datasheet(PDF) 6 Page - TEMIC Semiconductors |
|
TSC8051C2XXX16ICR Datasheet(HTML) 6 Page - TEMIC Semiconductors |
6 / 28 page TSC8051C2 Rev. A (10 Jan. 97) 6 Preview MATRA MHS 6. Basic Functional Description 6.1. Idle And Power Down Operation Figure 3 shows the internal Idle and Power Down clock configuration. As illustrated, Power Down operation stops the oscillator. Idle mode operation allows the interrupt, serial port, and timer blocks to continue to operate while the clock to the CPU is gated off. These special modes are activated by software via the Special Function Register, its hardware address is 87h. PCON is not bit addressable. OSC CLOCK GEN. INTERRUPT SERIAL PORT TIMER BLOCKS CPU IDL XTAL2 XTAL1 PD Figure 3. Idle and Power Down Hardware. PCON: Power Control Register MSB SFR 87h LSB SMOD – – PFRE GF1 GF0 PD IDL Symbol Position Name and Function IDL PCON.0 Idle mode bit. Setting this bit activates idle mode operation. PD PCON.1 Power Down bit. Setting this bit activates power down operation. GF0 PCON.2 General–purpose flag bit. GF1 PCON.3 General–purpose flag bit. PFRE PCON.4 Power Fail Reset Enable bit. Setting this bit enables the power voltage monitor. The only way to clear this bit is to apply an external reset. – PCON.5 (Reserved). – PCON.6 (Reserved). SMOD PCON.7 Double Baud rate bit. Setting this bit causes the baud rate to double when the serial port is being used in either modes 1, 2 or 3. If 1’s are written to PD and IDL at the same time, PD takes precedence. The reset value of PCON is 0XX0 0000b. 6.1.1. Idle Mode The instruction that sets PCON.0 is the last instruction executed before the Idle mode is activated. Once in the Idle mode the CPU status is preserved in its entirety: the Stack Pointer, Program Counter, Program Status Word, Accumulator, RAM, and all other register maintain their data during Idle Table 1 describes the status of the external pins during Idle mode. There are two ways to terminate the Idle mode. Activation of any enabled interrupt will cause PCON.0 to be cleared by hardware terminating Idle mode. The interrupt is serviced, and following RETI, the next instruction to be executed will be the one following the instruction that wrote 1 to PCON.0. The flag bits GF0 and GF1 may be used to determine whether the interrupt was received during normal execution or during the Idle mode. For example, the instruction that writes to PCON.0 can also set or clear one or both flag bits. When Idle mode is terminated by an enabled interrupt, the service routine can examine the status of the flag bits. The second way of terminating the Idle is with a hardware reset. Since the oscillator is still running, the hardware reset needs to be active for only 2 machine cycles (24 oscillator periods) to complete the reset operation. |
Similar Part No. - TSC8051C2XXX16ICR |
|
Similar Description - TSC8051C2XXX16ICR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |